Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV95A Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

BYV95A Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # BYV95A
Download  BYV95A Download

File Size   66.61 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description FAST RECOVERY RECTIFIERS

BYV95A Datasheet (PDF)

Go To PDF Page Download Datasheet
BYV95A Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # BYV95A
Download  BYV95A Click to download

File Size   66.61 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description FAST RECOVERY RECTIFIERS

BYV95A Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

BYV95A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BYV95A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited

BYV95A Product details

VOLTAGE RANGE: 200 --- 600 V

CURRENT: 1.5 A



FEATURES

Low cost

Diffused junction

Low leakage

Low forward voltage drop

High current capability

Easily cleaned with Freon, Alcohol,Isopropanol and similar solvents




Similar Part No. - BYV95A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV95A PHILIPS-BYV95A Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
EIC discrete Semiconduc...
BYV95A EIC-BYV95A Datasheet
19Kb / 2P
   AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
General Semiconductor
BYV95A GE-BYV95A Datasheet
52Kb / 2P
   MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
SynSemi, Inc.
BYV95A SYNSEMI-BYV95A Datasheet
33Kb / 2P
   AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
Gulf Semiconductor
BYV95A GULFSEMI-BYV95A Datasheet
73Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.5A
More results


Similar Description - BYV95A

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Changzhou Shunye Electr...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com