Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER604 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

HER604 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # HER604
Download  HER604 Download

File Size   61.57 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description HIGH EFFICIENCY RECTIFIER

HER604 Datasheet (PDF)

Go To PDF Page Download Datasheet
HER604 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # HER604
Download  HER604 Click to download

File Size   61.57 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description HIGH EFFICIENCY RECTIFIER

HER604 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

HER604 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited HER604 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited

HER604 Product details

VOLTAGE RANGE: 50 --- 1000 V

CURRENT: 6.0 A



FEATURES

◇ Low cost

◇ Low leakage

◇ Low forward voltage drop

◇ High current capability

◇ Easily cleaned with alcohol,Isopropanol and similar solvents

◇ The plastic material carries U/L recognition 94V-0



 




Similar Part No. - HER604

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER604 WTE-HER604 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
Diode Semiconductor Kor...
HER604 DSK-HER604 Datasheet
286Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER604 UNIOHM-HER604 Datasheet
69Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Gaomi Xinghe Electronic...
HER604 GXELECTRONICS-HER604 Datasheet
328Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
HER604 DACHANG-HER604 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 6.0A
More results


Similar Description - HER604

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com