Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWS435 Datasheet (PDF) - Hexawave, Inc

HWS435 Datasheet PDF - Hexawave, Inc
Part # HWS435
Download  HWS435 Download

File Size   70.72 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SPDT Switch

HWS435 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS435 Datasheet PDF - Hexawave, Inc

Part # HWS435
Download  HWS435 Click to download

File Size   70.72 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2.5 GHz SPDT Switch

HWS435 Datasheet (HTML) - Hexawave, Inc

HWS435 Datasheet HTML 1Page - Hexawave, Inc HWS435 Datasheet HTML 2Page - Hexawave, Inc

HWS435 Product details

Description

The HWS435 is a GaAs SPDT switch operating at DC-2.5 GHz in a low cost SOT-363 plastic lead (Pb)

free  package.  The  HWS435  features  low  insertion loss  with  very  low  DC  power  consumption.  This

switch  can  be  used  in  IEEE  802.11b/g  WLAN systems  for  transmit/receive  or  antenna  diversity

functions.



Features

•  Low Insertion Loss:0.5 dB @ 2.5 GHz

•  Isolation: 20 dB @ 2.5 GHz

•  Low DC Power Consumption

•  Low Cost SOT-363 Plastic Lead (Pb) Free Package, RoHS Compliant




Similar Part No. - HWS435

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS435_V4 HW-HWS435_V4_15 Datasheet
58Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
More results


Similar Description - HWS435

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS418 HW-HWS418 Datasheet
74Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS301 HW-HWS301 Datasheet
116Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0157 MA-COM-MASWSS0157 Datasheet
105Kb / 4P
   GaAs SPDT Switch DC - 2.5 GHz
logo
Tyco Electronics
SW-239 MACOM-SW-239 Datasheet
35Kb / 2P
   GaAs SPDT Switch DC-2.5 GHz
logo
Hexawave, Inc
HWS435_V4 HW-HWS435_V4_15 Datasheet
58Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com