Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4975 Datasheet (PDF) - STMicroelectronics

L4975 Datasheet PDF - STMicroelectronics
Part # L4975
Download  L4975 Download

File Size   359.52 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5A SWITCHING REGULATOR

L4975 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4975 Datasheet PDF - STMicroelectronics

Part # L4975
Download  L4975 Click to download

File Size   359.52 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5A SWITCHING REGULATOR

L4975 Datasheet (HTML) - STMicroelectronics

Back Button L4975 Datasheet HTML 1Page - STMicroelectronics L4975 Datasheet HTML 2Page - STMicroelectronics L4975 Datasheet HTML 3Page - STMicroelectronics L4975 Datasheet HTML 4Page - STMicroelectronics L4975 Datasheet HTML 5Page - STMicroelectronics L4975 Datasheet HTML 6Page - STMicroelectronics L4975 Datasheet HTML 7Page - STMicroelectronics L4975 Datasheet HTML 8Page - STMicroelectronics L4975 Datasheet HTML 9Page - STMicroelectronics L4975 Datasheet HTML 10Page - STMicroelectronics Next Button 

L4975 Product details

DESCRIPTION

The L4975A is a stepdown monolithic power switching regulator delivering 5A at a voltage variable from 5.1 to 40V.

Realized with BCD mixed technology, the device uses a DMOS output transistor to obtain very high efficiency and very fast switching times. Features of the L4975A include reset and power fail for microprocessors, feed forward line regulation, soft start, limiting current and thermal protection. The device is mounted in a 15-lead multiwatt plastic power package and requires few external components. Efficient operation at switching frequencies up to 500KHz allows reduction in the size and cost of external filter components.



■ 5A OUTPUT CURRENT

■ 5.1V TO 40V OUTPUT VOLTAGE RANGE

■ 0 TO 90% DUTY CYCLE RANGE

■ INTERNAL FEED-FORWARD LINE REGULATION

■ INTERNAL CURRENT LIMITING

■ PRECISE 5.1V ± 2% ON CHIP REFERENCE

■ RESET AND POWER FAIL FUNCTIONS

■ SOFT START

■ INPUT/OUTPUT SYNC PIN

■ UNDER VOLTAGE LOCK OUT WITH HYSTERETIC TURN-ON

■ PWM LATCH FOR SINGLE PULSE PER PERIOD

■ VERY HIGH EFFICIENCY

■ SWITCHING FREQUENCY UP TO 500KHz

■ THERMAL SHUTDOWN

■ CONTINUOUS MODE OPERATION



 




Similar Part No. - L4975

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L497 STMICROELECTRONICS-L497 Datasheet
106Kb / 11P
   HALL EFFECT PICKUP IGNITION CONTROLLER
L4970 STMICROELECTRONICS-L4970 Datasheet
399Kb / 21P
   10A SWITCHING REGULATOR
L4970A STMICROELECTRONICS-L4970A Datasheet
399Kb / 21P
   10A SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2000
L4971 STMICROELECTRONICS-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
More results


Similar Description - L4975

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SH1605 FAIRCHILD-SH1605 Datasheet
195Kb / 4P
   5A Efficient Switching Regulator
logo
Microsemi Corporation
NX9415 MICROSEMI-NX9415 Datasheet
582Kb / 12P
   5A SYNCHRONOUS BUCK SWITCHING REGULATOR
logo
Renesas Technology Corp
RAA211650 RENESAS-RAA211650 Datasheet
3Mb / 35P
   60V 5A Integrated Switching Regulator
May 6, 2021
RAA211651 RENESAS-RAA211651 Datasheet
3Mb / 35P
   60V 5A Low Quiescent Current Integrated Switching Regulator
May 6, 2021
logo
Rohm
2SK2793 ROHM-2SK2793 Datasheet
141Kb / 4P
   Switching (500V, 5A)
2SK2713 ROHM-2SK2713 Datasheet
153Kb / 5P
   Switching (450V, 5A)
2SK2459N ROHM-2SK2459N Datasheet
137Kb / 4P
   Switching (200V, 5A)
RDN050N20 ROHM-RDN050N20 Datasheet
50Kb / 4P
   Switching (200V, 5A)
logo
Hongfa Technology
HFD41_HFD41A HONGFA-HFD41_HFD41A_17 Datasheet
60Kb / 3P
   5A switching capability
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com