Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6122 Datasheet (PDF) - STMicroelectronics

L6122 Datasheet PDF - STMicroelectronics
Part # L6122
Download  L6122 Download

File Size   182.9 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V DMOS SWITCHES

L6122 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6122 Datasheet PDF - STMicroelectronics

Part # L6122
Download  L6122 Click to download

File Size   182.9 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V DMOS SWITCHES

L6122 Datasheet (HTML) - STMicroelectronics

L6122 Datasheet HTML 1Page - STMicroelectronics L6122 Datasheet HTML 2Page - STMicroelectronics L6122 Datasheet HTML 3Page - STMicroelectronics L6122 Datasheet HTML 4Page - STMicroelectronics L6122 Datasheet HTML 5Page - STMicroelectronics L6122 Datasheet HTML 6Page - STMicroelectronics L6122 Datasheet HTML 7Page - STMicroelectronics L6122 Datasheet HTML 8Page - STMicroelectronics L6122 Datasheet HTML 9Page - STMicroelectronics

L6122 Product details

DESCRIPTION
Realized with the Multipower-BCD mixed bipolar/CMOS/DMOS process, the L6122/23monolithic three DMOS switch is designed for high current, high voltage switching applications. Each of the three switches is controlled by a logic input and all three are controlled by a common enable input. All inputs are TTL/CMOS compatible for direct connection to logic circuits. Each source is available for the insertion of thesenseresistors in current control applications.
Two versions are available : the L6122 mounted in a Powerdip 14 + 3 + 3 package and the L6123 in a 15-lead Multiwatt package.

■ OUTPUT VOLTAGE TO 100V
■ 0,5Ω RDS (on)
■ SUPPLY VOLTAGE UP TO 60V
■ LOW INPUT CURRENT
■ TTL/CMOS COMPATIBLE INPUTS
■ HIGH SWITCHING FREQUENCY (200kHz)




Similar Part No. - L6122

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L612 CRYDOM-L612 Datasheet
585Kb / 4P
   Power Modules
logo
List of Unclassifed Man...
L61240F ETC2-L61240F Datasheet
171Kb / 1P
   Low Profile Designed for PCB Connections
L61280F ETC2-L61280F Datasheet
171Kb / 1P
   Low Profile Designed for PCB Connections
L612F ETC2-L612F Datasheet
171Kb / 1P
   Low Profile Designed for PCB Connections
logo
Crydom Inc.,
L612F CRYDOM-L612F Datasheet
585Kb / 4P
   Power Modules
More results


Similar Description - L6122

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6114 STMICROELECTRONICS-L6114 Datasheet
213Kb / 11P
   QUAD 100 V, DMOS SWITCH
logo
Micross Components
SD214DE MICROSS-SD214DE Datasheet
261Kb / 1P
   N-Channel Enhancement Mode DMOS Lateral Switches
SD210DE MICROSS-SD210DE Datasheet
240Kb / 1P
   N-Channel Enhancement Mode DMOS Lateral Switches
SD5000I_SBDIP MICROSS-SD5000I_SBDIP Datasheet
253Kb / 1P
   Quad N-Channel Enhancement Mode DMOS Lateral Switches
SD5400CY_SOIC MICROSS-SD5400CY_SOIC Datasheet
253Kb / 1P
   Quad N-Channel Enhancement Mode DMOS Lateral Switches
logo
Calogic, LLC
SST211 CALOGIC-SST211 Datasheet
26Kb / 2P
   FAST DMOS FET Switches N-Channel Enhancement-Mode
SST211 CALOGIC-SST211_15 Datasheet
33Kb / 2P
   FAST DMOS FET Switches N-Channel Enhancement-Mode
CWB308 CALOGIC-CWB308 Datasheet
85Kb / 7P
   CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
357Kb / 2P
   HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
logo
Analog Devices
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com