Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6221A Datasheet (PDF) - STMicroelectronics

L6221A Datasheet PDF - STMicroelectronics
Part # L6221A
Download  L6221A Download

File Size   163.58 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD DARLINGTON SWITCH

L6221A Datasheet (PDF)

Go To PDF Page Download Datasheet
L6221A Datasheet PDF - STMicroelectronics

Part # L6221A
Download  L6221A Click to download

File Size   163.58 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD DARLINGTON SWITCH

L6221A Datasheet (HTML) - STMicroelectronics

Back Button L6221A Datasheet HTML 1Page - STMicroelectronics L6221A Datasheet HTML 2Page - STMicroelectronics L6221A Datasheet HTML 3Page - STMicroelectronics L6221A Datasheet HTML 4Page - STMicroelectronics L6221A Datasheet HTML 5Page - STMicroelectronics L6221A Datasheet HTML 6Page - STMicroelectronics L6221A Datasheet HTML 7Page - STMicroelectronics L6221A Datasheet HTML 8Page - STMicroelectronics L6221A Datasheet HTML 9Page - STMicroelectronics L6221A Datasheet HTML 10Page - STMicroelectronics Next Button 

L6221A Product details

DESCRIPTION
The L6221 monolithic quad darlington switch is designed for high current,high voltage switching applications. Each of the four switches is controlled by a logic input and all four are controlled by a common enable input.All inputs are TTL-compatible for direct connection to logic circuits.

■ FOUR NON INVERTING INPUTS WITH ENABLE
■ OUTPUT VOLTAGE UP TO 50 V
■ OUTPUT CURRENT UP TO 1.8 A
■ VERY LOW SATURATION VOLTAGE
■ TTL COMPATIBLE INPUTS
■ INTEGRAL FAST RECIRCULATION DIODES




Similar Part No. - L6221A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6221AD STMICROELECTRONICS-L6221AD Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
More results


Similar Description - L6221A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
   Quad Darlington switch
March 2009 Rev 4
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
L6221C STMICROELECTRONICS-L6221C Datasheet
181Kb / 15P
   QUAD DARLINGTON SWITCH
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
L702 STMICROELECTRONICS-L702 Datasheet
130Kb / 7P
   2A QUAD DARLINGTON SWITCH
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2540 ALLEGRO-2540 Datasheet
143Kb / 8P
   QUAD DARLINGTON POWER DRIVER
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
   QUAD DARLINGTON POWER DRIVER
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com