Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK53C Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

SK53C Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # SK53C
Download  SK53C Download

File Size   206.65 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SK53C Datasheet (PDF)

Go To PDF Page Download Datasheet
SK53C Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # SK53C
Download  SK53C Click to download

File Size   206.65 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SK53C Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

SK53C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SK53C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited

SK53C Product details

REVERSE VOLTAGE: 20 --- 100 V
CURRENT: 5.0 A

FEATURES
◇Built-in strain relief
◇Low power loss,high effciency
◇Plastic package has Underwriters Laborator 111 Flammability Classification 94V-0
◇High temperature soldering guaranteed:250°C/10 seconds at terminals
◇Low profile package
◇For surface mounted applications
◇High current capability,low forward voltage drop
◇For use in low voltage high frequency inverters,free wheeling and polarity protection applications
◇Guardring for overvoltage protection
◇Metal silicon junction, majority carrier conduction
◇High surge capability




Similar Part No. - SK53C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK53C TSC-SK53C Datasheet
50Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK53C TSC-SK53C Datasheet
287Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SK53C PACELEADER-SK53C Datasheet
331Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diotech Company.
SK53C DIOTECH-SK53C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK53C TSC-SK53C Datasheet
136Kb / 2P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SK53C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com