Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP8.5 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

5KP8.5 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # 5KP8.5
Download  5KP8.5 Download

File Size   131.18 Kbytes
Page   4 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description TRANSIENT VOLTAGE SUPPRESSOR

5KP8.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP8.5 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # 5KP8.5
Download  5KP8.5 Click to download

File Size   131.18 Kbytes
Page   4 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description TRANSIENT VOLTAGE SUPPRESSOR

5KP8.5 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

5KP8.5 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 5KP8.5 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 5KP8.5 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 5KP8.5 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited

5KP8.5 Product details

BREAKDOWN VOLTAGE: 5.0 - 220 V
PEAK PULSE POWER: 5000 W

FEATURES
◇ Plastic package
◇ Glass passivated junction
◇ 5000W peak pulse power capabilitywith a 10/1000μs waveform
◇ Excellent clamping capability
◇ Low incremental surge resistance
◇ Fast response time: typically less than 1.0ps from 0 Volts to BV
◇ Typical IR less than 10µ A for V(BR)≥10V
◇ High temperature soldering guaranteed:265°C/ 10 seconds, 0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - 5KP8.5

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP8.5 SURGE-5KP8.5 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP8.5 LUGUANG-5KP8.5 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
GOOD-ARK Electronics
5KP8.5 GOOD-ARK-5KP8.5 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
Pan Jit International I...
5KP8.5 PANJIT-5KP8.5 Datasheet
142Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
Diotec Semiconductor
5KP8.5 DIOTEC-5KP8.5 Datasheet
156Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Similar Description - 5KP8.5

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com