Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR305 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

BR305 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # BR305
Download  BR305 Download

File Size   77.2 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SILICON BRIDGE RECTIFIERS

BR305 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR305 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # BR305
Download  BR305 Click to download

File Size   77.2 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SILICON BRIDGE RECTIFIERS

BR305 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

BR305 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BR305 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited

BR305 Product details

VOLTAGE RANGE: 50 --- 1000 V

CURRENT: 3.0 A



FEATURES

Rating to 1000V PRV

Surge overload rating to 50 Amperes peak

Ideal for printed circuit board

Reliable low cost construction utilizing molded plastic technique results in inexpensive product

Lead solderable per MIL-STD-202 method 208




Similar Part No. - BR305

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR305 RECTRON-BR305 Datasheet
21Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
BR305 PFS-BR305 Datasheet
231Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Bytes
BR305 BYTES-BR305 Datasheet
145Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
BR305 LUGUANG-BR305 Datasheet
163Kb / 2P
   Silicon Bridge Rectifiers
logo
Dc Components
BR305 DCCOM-BR305 Datasheet
406Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - BR305

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com