Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR3510 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

BR3510 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # BR3510
Download  BR3510 Download

File Size   77.12 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SILICON BRIDGE RECTIFIERS

BR3510 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR3510 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # BR3510
Download  BR3510 Click to download

File Size   77.12 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SILICON BRIDGE RECTIFIERS

BR3510 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

BR3510 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BR3510 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited

BR3510 Product details

SILICON BRIDGE RECTIFIERS

VOLTAGE RANGE: 50 --- 1000 V

CURRENT: 35.0 A



FEATURES

Rating to 1000V PRV

Surge overload rating to 400 Amperes peak

Ideal for printed circuit board

Reliable low cost construction utilizing molded plastic technique results in inexpensive product

Lead solderable per MIL-STD-202 method 208

Mounting: thru hole for # 8 screw mounting




Similar Part No. - BR3510

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR3510 RECTRON-BR3510 Datasheet
27Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3510 LUGUANG-BR3510 Datasheet
159Kb / 2P
   Silicon Bridge Rectifiers
logo
EIC discrete Semiconduc...
BR3510 EIC-BR3510 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
BR3510 WINNERJOIN-BR3510 Datasheet
196Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
BR3510 ETC1-BR3510 Datasheet
142Kb / 2P
   35 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - BR3510

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com