Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT28F160C3TD70 Datasheet (PDF) - Intel Corporation

GT28F160C3TD70 Datasheet PDF - Intel Corporation
Part # GT28F160C3TD70
Download  GT28F160C3TD70 Download

File Size   1127.21 Kbytes
Page   68 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Advanced Boot Block Flash Memory (C3)

GT28F160C3TD70 Datasheet (PDF)

Go To PDF Page Download Datasheet
GT28F160C3TD70 Datasheet PDF - Intel Corporation

Part # GT28F160C3TD70
Download  GT28F160C3TD70 Click to download

File Size   1127.21 Kbytes
Page   68 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Advanced Boot Block Flash Memory (C3)

GT28F160C3TD70 Datasheet (HTML) - Intel Corporation

Back Button GT28F160C3TD70 Datasheet HTML 1Page - Intel Corporation GT28F160C3TD70 Datasheet HTML 2Page - Intel Corporation GT28F160C3TD70 Datasheet HTML 3Page - Intel Corporation GT28F160C3TD70 Datasheet HTML 4Page - Intel Corporation GT28F160C3TD70 Datasheet HTML 5Page - Intel Corporation GT28F160C3TD70 Datasheet HTML 6Page - Intel Corporation GT28F160C3TD70 Datasheet HTML 7Page - Intel Corporation GT28F160C3TD70 Datasheet HTML 8Page - Intel Corporation GT28F160C3TD70 Datasheet HTML 9Page - Intel Corporation GT28F160C3TD70 Datasheet HTML 10Page - Intel Corporation Next Button 

GT28F160C3TD70 Product details

The 0.25 µm 3 Volt Advanced+ Boot Block, manufactured on Intel’s latest 0.25 µ technology, represents a feature-rich solution at overall lower system cost. Smart 3 flash memory devices incorporate low voltage capability (2.7 V read, program and erase) with high-speed, low-power operation. Flexible block locking allows any block to be independently locked or unlocked. Add to this the Intel-developed Flash Data Integrator (FDI) software and you have a cost-effective, flexible, monolithic code plus data storage solution on the market today. 3 Volt Advanced+ Boot Block products will be available in 48-lead TSOP, 40-lead TSOP, and 48-ball µBGA* packages.

■ Flexible SmartVoltage Technology
    - 2.7 V–3.6 V Read/Program/Erase
    - 2.7 V or 1.65 V I/O Option Reduces Overall System Power
    - 12 V for Fast Production Programming
■ High Performance
    - 2.7 V–3.6 V: 90 ns Max Access Time
    - 3.0 V–3.6 V: 80 ns Max Access Time
■ Optimized Architecture for Code Plus Data Storage
    - Eight 8-Kbyte Blocks, Top or Bottom Locations
    - Up to Sixty-Three 64-KB Blocks
    - Fast Program Suspend Capability
    - Fast Erase Suspend Capability
■ Flexible Block Locking
    - Lock/Unlock Any Block
    - Full Protection on Power-Up
    - WP# Pin for Hardware Block Protection
    - VPP = GND Option
    - VCC Lockout Voltage
■ Low Power Consumption
    - 9 mA Typical Read Power
    - 10 µA Typical Standby Power with Automatic Power Savings Feature
■ Extended Temperature Operation
    - –40 °C to +85 °C
■ Easy-12 V
    - Faster Production Programming
    - No Additional System Logic
■ 128-bit Protection Register
    - 64-bit Unique Device Identifier
    - 64-bit User Programmable OTP Cells
■ Extended Cycling Capability
    - Minimum 100,000 Block Erase Cycles
■ Flash Data Integrator Software
    - Flash Memory Manager
    - System Interrupt Manager
    - Supports Parameter Storage, Streaming Data (e.g., voice)
■ Automated Word/Byte Program and Block Erase
    - Command User Interface
    - Status Registers
■ SRAM-Compatible Write Interface
■ Cross-Compatible Command Support
    - Intel Basic Command Set
    - Common Flash Interface
■ x 16 for High Performance
    - 48-Ball µBGA* Package
    - 48-Lead TSOP Package
■ x 8 I/O for Space Savings
    - 48-Ball µBGA* Package
    - 40-Lead TSOP Package
■ 0.25 µ ETOX™ VI Flash Technology




Similar Part No. - GT28F160C3TD70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GT28F160C3T110 INTEL-GT28F160C3T110 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F160C3T90 INTEL-GT28F160C3T90 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results


Similar Description - GT28F160C3TD70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com