Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP20M000000DJJ18A Datasheet (PDF) - List of Unclassifed Manufacturers

BAP20M000000DJJ18A Datasheet PDF - List of Unclassifed Manufacturers
Part # BAP20M000000DJJ18A
Download  BAP20M000000DJJ18A Download

File Size   44.95 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description MICROPROCESSOR CRYSTALS / RESISTANCE WELD

BAP20M000000DJJ18A Datasheet (PDF)

Go To PDF Page Download Datasheet
BAP20M000000DJJ18A Datasheet PDF - List of Unclassifed Manufacturers

Part # BAP20M000000DJJ18A
Download  BAP20M000000DJJ18A Click to download

File Size   44.95 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description MICROPROCESSOR CRYSTALS / RESISTANCE WELD

BAP20M000000DJJ18A Datasheet (HTML) - List of Unclassifed Manufacturers

BAP20M000000DJJ18A Datasheet HTML 1Page - List of Unclassifed Manufacturers

BAP20M000000DJJ18A Product details

[standard crystal corp]



SPECIFICATION

Frequency Range  3.579545 to 60.000 MHz

Frequency Tolerance  ± 50 PPM ( Standard )

Frequency Stability  @ 25EC ± 50 PPM ( Standard )

Operating Temperature Range  0EC to 70EC ( Standard )

Load Capacitance ( CL)  12pF to 50pF or Series

Shunt Capacitance  7pF Maximum

Drive Lavel  1m Watt Maximum

Aging  ±5 PPM per year Maximum




Similar Part No. - BAP20M000000DJJ18A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP27-01 PHILIPS-BAP27-01 Datasheet
77Kb / 7P
   Silicon PIN diode
2001 Nov 01
More results


Similar Description - BAP20M000000DJJ18A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXM7 VECTRON-VXM7 Datasheet
91Kb / 4P
   Microprocessor Crystals
VXB1 VECTRON-VXB1 Datasheet
130Kb / 2P
   Microprocessor Crystals
VXB1 VECTRON-VXB1_08 Datasheet
113Kb / 4P
   Microprocessor Crystals
VXA4 VECTRON-VXA4 Datasheet
44Kb / 2P
   Microprocessor Crystals
VXB2 VECTRON-VXB2 Datasheet
68Kb / 2P
   VXB2 Microprocessor Crystals
VXA7 VECTRON-VXA7 Datasheet
42Kb / 2P
   VXA7 Microprocessor Crystals
logo
List of Unclassifed Man...
HHS2700F-20-SM ETC2-HHS2700F-20-SM Datasheet
47Kb / 1P
   RESISTANCE WELD CRYSTAL
logo
Fox Electronics
HC49SDLF FOX-HC49SDLF Datasheet
175Kb / 2P
   Resistance Weld SMD Crystal
HC49SDLF FOX-HC49SDLF_14 Datasheet
175Kb / 3P
   Resistance Weld SMD Crystal
logo
Vanlong Technology Co.,...
UM1J VANLONG-UM1J Datasheet
36Kb / 1P
   Miniature Resistance Weld Crystal
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com