Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM239N Datasheet (PDF) - STMicroelectronics

LM239N Datasheet PDF - STMicroelectronics
Part # LM239N
Download  LM239N Download

File Size   163.52 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOWPOWER QUAD VOLTAGE COMPARATORS

LM239N Datasheet (PDF)

Go To PDF Page Download Datasheet
LM239N Datasheet PDF - STMicroelectronics

Part # LM239N
Download  LM239N Click to download

File Size   163.52 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOWPOWER QUAD VOLTAGE COMPARATORS

LM239N Datasheet (HTML) - STMicroelectronics

LM239N Datasheet HTML 1Page - STMicroelectronics LM239N Datasheet HTML 2Page - STMicroelectronics LM239N Datasheet HTML 3Page - STMicroelectronics LM239N Datasheet HTML 4Page - STMicroelectronics LM239N Datasheet HTML 5Page - STMicroelectronics LM239N Datasheet HTML 6Page - STMicroelectronics LM239N Datasheet HTML 7Page - STMicroelectronics LM239N Datasheet HTML 8Page - STMicroelectronics LM239N Datasheet HTML 9Page - STMicroelectronics LM239N Datasheet HTML 10Page - STMicroelectronics

LM239N Product details

DESCRIPTION
These devices consist of four independent precision voltage comparators with an offset voltage specifications as low as 2mV max for LM339A, LM239A and LM139A. All these comparators were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible.
These comparators also have a unique characteristic in that the input common-mode voltage range includes ground even though operated from a single power supply voltage.

■ WIDE SINGLE SUPPLY VOLTAGE RANGE OR
   DUAL SUPPLIES FOR ALL DEVICES : +2V TO
   +36V OR ±1V TO ±18V
■ VERY LOW SUPPLY CURRENT (1.1mA)
   INDEPENDENT OF SUPPLY VOLTAGE
   (1.4mW/comparator at +5V)
■ LOW INPUT BIAS CURRENT : 25nA TYP
■ LOW INPUT OFFSET CURRENT : ±5nA TYP
■ LOW INPUT OFFSET VOLTAGE : ±1mV TYP
■ INPUT COMMON-MODE VOLTAGE RANGE
   INCLUDES GROUND
■ LOW OUTPUT SATURATION VOLTAGE :
   250mV TYP. (IO = 4mA)
■ DIFFERENTIAL INPUT VOLTAGE RANGE
   EQUAL TO THE SUPPLY VOLTAGE
■ TTL, DTL, ECL, MOS, CMOS COMPATIBLE
   OUTPUTS




Similar Part No. - LM239N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM239N MOTOROLA-LM239N Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
STMicroelectronics
LM239N STMICROELECTRONICS-LM239N Datasheet
483Kb / 16P
   Low-power quad voltage comparators
logo
ON Semiconductor
LM239N ONSEMI-LM239N Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Texas Instruments
LM239N TI1-LM239N Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
NXP Semiconductors
LM239N PHILIPS-LM239N Datasheet
75Kb / 10P
   Quad voltage comparator
1995 Nov 27
More results


Similar Description - LM239N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391 Datasheet
44Kb / 5P
   LOWPOWER SINGLE VOLTAGE COMPARATORS
logo
First Silicon Co., Ltd
FA339P FS-FA339P Datasheet
333Kb / 4P
   QUAD VOLTAGE COMPARATORS
logo
First Components Intern...
LM339 FCI-LM339 Datasheet
74Kb / 4P
   QUAD VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
   3V MICROPOWER QUAD VOLTAGE COMPARATORS
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
   Low power quad voltage comparators
ver.07
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com