Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD29300V25 Datasheet (PDF) - Sames

LD29300V25 Datasheet PDF - Sames
Part # LD29300V25
Download  LD29300V25 Download

File Size   508.28 Kbytes
Page   26 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description 3A, Very low drop voltage regulators

LD29300V25 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD29300V25 Datasheet PDF - Sames

Part # LD29300V25
Download  LD29300V25 Click to download

File Size   508.28 Kbytes
Page   26 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description 3A, Very low drop voltage regulators

LD29300V25 Datasheet (HTML) - Sames

Back Button LD29300V25 Datasheet HTML 1Page - Sames LD29300V25 Datasheet HTML 2Page - Sames LD29300V25 Datasheet HTML 3Page - Sames LD29300V25 Datasheet HTML 4Page - Sames LD29300V25 Datasheet HTML 5Page - Sames LD29300V25 Datasheet HTML 6Page - Sames LD29300V25 Datasheet HTML 7Page - Sames LD29300V25 Datasheet HTML 8Page - Sames LD29300V25 Datasheet HTML 9Page - Sames LD29300V25 Datasheet HTML 10Page - Sames Next Button 

LD29300V25 Product details

Description

The LD29300 is a high current, high accuracy, low-dropout voltage regulator series. These regulators feature 400mV dropout voltage and very low ground current. Designed for high current loads, these devices are also used in lower current, extremely low dropout-critical systems, where their tiny dropout voltage and ground current values are important attributes. Typical applications are in Power supply switching post regulation, Series power supply for monitors, Series power supply for VCRs and TVs, Computer Systems and Battery powered systems.



Features

■ Very low dropout voltage (Typ. 0.4 at 3A)

■ Guaranteed output current up to 3A

■ Fixed voltage with ±1% tolerance at 25°C

■ Internal current and thermal limit

■ Logic controlled electronic shutdown available in PPAK



 




Similar Part No. - LD29300V25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD29300V25 STMICROELECTRONICS-LD29300V25 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
More results


Similar Description - LD29300V25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
   VERY LOW DROP VOLTAGE REGULATORS
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
   1.5A, VERY LOW DROP VOLTAGE REGULATORS
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com