Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2903D Datasheet (PDF) - STMicroelectronics

LM2903D Datasheet PDF - STMicroelectronics
Part # LM2903D
Download  LM2903D Download

File Size   628.58 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER DUAL VOLTAGE COMPARATORS

LM2903D Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2903D Datasheet PDF - STMicroelectronics

Part # LM2903D
Download  LM2903D Click to download

File Size   628.58 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER DUAL VOLTAGE COMPARATORS

LM2903D Datasheet (HTML) - STMicroelectronics

LM2903D Datasheet HTML 1Page - STMicroelectronics LM2903D Datasheet HTML 2Page - STMicroelectronics LM2903D Datasheet HTML 3Page - STMicroelectronics LM2903D Datasheet HTML 4Page - STMicroelectronics LM2903D Datasheet HTML 5Page - STMicroelectronics LM2903D Datasheet HTML 6Page - STMicroelectronics LM2903D Datasheet HTML 7Page - STMicroelectronics LM2903D Datasheet HTML 8Page - STMicroelectronics LM2903D Datasheet HTML 9Page - STMicroelectronics

LM2903D Product details

DESCRIPTION
This device consists of two independent low power voltage comparators designed specifically to operate from a single supply over a wide range of voltages. Operation from split power supplies is also possible.
These comparators also have a unique characteristic in that the input common-mode voltage range includes ground even though operated from a single power supply voltage.
   
■ WIDE SINGLE SUPPLY VOLTAGE RANGE
    OR DUAL SUPPLIES +2V TO +36V OR ±1V
    TO ±18V
■ VERY LOW SUPPLY CURRENT (0.4mA)
    INDEPENDENT OF SUPPLY VOLTAGE
    (1mW/comparator at +5V)
■ LOW INPUT BIAS CURRENT: 25nA TYP
■ LOW INPUT OFFSET CURRENT: ±5nA TYP
■ INPUT COMMON-MODE VOLTAGE RANGE
    INCLUDES GROUND
■ LOW OUTPUT SATURATION VOLTAGE:
    250mV TYP. (IO = 4mA)
■ DIFFERENTIAL INPUT VOLTAGE RANGE
    EQUAL TO THE SUPPLY VOLTAGE
■ TTL, DTL, ECL, MOS, CMOS COMPATIBLE
    OUTPUTS
   




Similar Part No. - LM2903D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2903D MOTOROLA-LM2903D Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Texas Instruments
LM2903D TI1-LM2903D Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
NXP Semiconductors
LM2903D PHILIPS-LM2903D Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM2903D TI1-LM2903D Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM2903D TI-LM2903D Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results


Similar Description - LM2903D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
   Low power dual voltage comparators
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
   Low Power Dual Voltage Comparators
LM2903 STMICROELECTRONICS-LM2903_07 Datasheet
264Kb / 14P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM2902W STMICROELECTRONICS-LM2902W_07 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM193W STMICROELECTRONICS-LM193W Datasheet
169Kb / 10P
   LOW POWER DUAL VOLTAGE COMPARATORS
May 2004
LM2903H STMICROELECTRONICS-LM2903H Datasheet
86Kb / 5P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
LM193 STMICROELECTRONICS-LM193_08 Datasheet
234Kb / 15P
   Low power dual voltage comparators
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com