Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST89E58RD2-33-I-TQJ Datasheet (PDF) - Silicon Storage Technology, Inc

SST89E58RD2-33-I-TQJ Datasheet PDF - Silicon Storage Technology, Inc
Part # SST89E58RD2-33-I-TQJ
Download  SST89E58RD2-33-I-TQJ Download

File Size   937.7 Kbytes
Page   81 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description FlashFlex51 MCU

SST89E58RD2-33-I-TQJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SST89E58RD2-33-I-TQJ Datasheet PDF - Silicon Storage Technology, Inc

Part # SST89E58RD2-33-I-TQJ
Download  SST89E58RD2-33-I-TQJ Click to download

File Size   937.7 Kbytes
Page   81 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description FlashFlex51 MCU

SST89E58RD2-33-I-TQJ Datasheet (HTML) - Silicon Storage Technology, Inc

Back Button SST89E58RD2-33-I-TQJ Datasheet HTML 1Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-TQJ Datasheet HTML 2Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-TQJ Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-TQJ Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-TQJ Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-TQJ Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-TQJ Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-TQJ Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-TQJ Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-TQJ Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST89E58RD2-33-I-TQJ Product details

PRODUCT DESCRIPTION
The SST89E5xRD2/RD and SST89V5xRD2/RD are members of the FlashFlex51 family of 8-bit microcontroller products designed and manufactured with SST’s patented and proprietary SuperFlash CMOS semiconductor process technology. The split-gate cell design and thick-oxide tunneling injector offer significant cost and reliability benefits for SST’s customers. The devices use the 8051 instruction set and are pin-for-pin compatible with standard 8051 microcontroller devices.

FEATURES:
• 8-bit 8051-Compatible Microcontroller (MCU) with Embedded SuperFlash Memory
    – Fully Software Compatible
    – Development Toolset Compatible
    – Pin-For-Pin Package Compatible
• SST89E5xRD2 Operation
    – 0 to 40 MHz at 5V
• SST89V5xRD2 Operation
    – 0 to 33 MHz at 3V
• 1 KByte Internal RAM
• Dual Block SuperFlash EEPROM
    – 8/16/32 KByte primary block + 8 KByte secondary block(128-Byte sector size for both blocks)
    – Individual Block Security Lock with SoftLock
    – Concurrent Operation during In-Application Programming (IAP)
    – Memory Overlay for Interrupt Support during IAP
• Support External Address Range up to 64 KByte of Program and Data Memory
• Three High-Current Drive Ports (16 mA each)
• Three 16-bit Timers/Counters
• Full-Duplex, Enhanced UART
    – Framing Error Detection
    – Automatic Address Recognition
• Ten Interrupt Sources at 4 Priority Levels
    – Four External Interrupt Inputs
• Programmable Watchdog Timer (WDT)
• Programmable Counter Array (PCA)
• Four 8-bit I/O Ports (32 I/O Pins) and One 4-bit Port
• Second DPTR register
• Low EMI Mode (Inhibit ALE)
• SPI Serial Interface
• Standard 12 Clocks per cycle, the device has an option to double the speed to 6 clocks per cycle.
• TTL- and CMOS-Compatible Logic Levels
• Brown-out Detection
• Low Power Modes
    – Power-down Mode with External Interrupt Wake-up
    – Idle Mode
• Temperature Ranges:
    – Commercial (0°C to +70°C)
    – Industrial (-40°C to +85°C)
• Packages Available
    – 40-contact WQFN (Port 4 feature not available)
    – 44-lead PLCC
    – 40-pin PDIP (Port 4 feature not available)
    – 44-lead TQFP
• All non-Pb (lead-free) devices are RoHS compliant




Similar Part No. - SST89E58RD2-33-I-TQJ

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E58RD2-33-I-TQJ SST-SST89E58RD2-33-I-TQJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E58RD2-33-I-TQJE1 SST-SST89E58RD2-33-I-TQJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-33-I-TQJF2 SST-SST89E58RD2-33-I-TQJF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results


Similar Description - SST89E58RD2-33-I-TQJ

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com