Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE450PF6180JR06L2 Datasheet (PDF) - List of Unclassifed Manufacturers

PHE450PF6180JR06L2 Datasheet PDF - List of Unclassifed Manufacturers
Part # PHE450PF6180JR06L2
Download  PHE450PF6180JR06L2 Download

File Size   95.1 Kbytes
Page   12 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Double metallized film pulse capacitor

PHE450PF6180JR06L2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHE450PF6180JR06L2 Datasheet PDF - List of Unclassifed Manufacturers

Part # PHE450PF6180JR06L2
Download  PHE450PF6180JR06L2 Click to download

File Size   95.1 Kbytes
Page   12 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Double metallized film pulse capacitor

PHE450PF6180JR06L2 Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button PHE450PF6180JR06L2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE450PF6180JR06L2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE450PF6180JR06L2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE450PF6180JR06L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE450PF6180JR06L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE450PF6180JR06L2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE450PF6180JR06L2 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE450PF6180JR06L2 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE450PF6180JR06L2 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE450PF6180JR06L2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 



Similar Part No. - PHE450PF6180JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450PF6220JR06L2 KEMET-PHE450PF6220JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 0.22 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=27.5 mm
PHE450PF6470JF13R06L2 KEMET-PHE450PF6470JF13R06L2 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.47 uF, 5%, 1,000 V, 85C, Lead Spacing = 27.5mm
More results


Similar Description - PHE450PF6180JR06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com