Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

295S820R253B21 Datasheet (PDF) - CTS Corporation

295S820R253B21 Datasheet PDF - CTS Corporation
Part # 295S820R253B21
Download  295S820R253B21 Download

File Size   581.83 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 24mm Diameter Composition Element Long Life Variable Resistor

295S820R253B21 Datasheet (PDF)

Go To PDF Page Download Datasheet
295S820R253B21 Datasheet PDF - CTS Corporation

Part # 295S820R253B21
Download  295S820R253B21 Click to download

File Size   581.83 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 24mm Diameter Composition Element Long Life Variable Resistor

295S820R253B21 Datasheet (HTML) - CTS Corporation

295S820R253B21 Datasheet HTML 1Page - CTS Corporation 295S820R253B21 Datasheet HTML 2Page - CTS Corporation



Similar Part No. - 295S820R253B21

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
295 BUD-295 Datasheet
28Kb / 1P
   #10-32 x 5/8 LG, TRUSS HD, SCREW #10-32 NUT RETAINER
logo
Alpha Wire
295 ALPHAWIRE-295 Datasheet
97Kb / 3P
   Customer Specification
2/20/2023
logo
Festo Corporation.
2950 FESTO-2950 Datasheet
86Kb / 1P
   Toggle lever valve
4/8/22
logo
Heyco.
2950 HEYCO-2950 Datasheet
128Kb / 1P
   Open/Closed Bushings
logo
Belden Inc.
29500 BELDEN-29500 Datasheet
253Kb / 3P
   VFD 300% Gnd, 3CIG #16 Str TC, XLPO InsPVC Gnd
More results


Similar Description - 295S820R253B21

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
TOCOSAMERICA, INC.
RVQ24YN03 TOCOS-RVQ24YN03 Datasheet
545Kb / 2P
   Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
CTS Corporation
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com