Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD2918 Datasheet (PDF) - STMicroelectronics

TSD2918 Datasheet PDF - STMicroelectronics
Part # TSD2918
Download  TSD2918 Download

File Size   101.77 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs

TSD2918 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSD2918 Datasheet PDF - STMicroelectronics

Part # TSD2918
Download  TSD2918 Click to download

File Size   101.77 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs

TSD2918 Datasheet (HTML) - STMicroelectronics

TSD2918 Datasheet HTML 1Page - STMicroelectronics TSD2918 Datasheet HTML 2Page - STMicroelectronics TSD2918 Datasheet HTML 3Page - STMicroelectronics TSD2918 Datasheet HTML 4Page - STMicroelectronics TSD2918 Datasheet HTML 5Page - STMicroelectronics TSD2918 Datasheet HTML 6Page - STMicroelectronics TSD2918 Datasheet HTML 7Page - STMicroelectronics TSD2918 Datasheet HTML 8Page - STMicroelectronics

TSD2918 Product details

HF to 2000 MHz Class AB Common Source - PowerSO-10RF
VHF / UHF radio and digital cellular BTS applications

HF to 2000MHz class AB common source - PowerFLAT
VHF / UHF radio applications

HF to 2000MHz class AB common cource - ceramic packages
UHF TV and digital cellular BTS applications

2 to 400MHz class AB common source N channel MOSFETs
HF / SSB, FM / VHF broadband applications

2 to 30MHz class AB linear, common emitter, HF / SSB



Similar Part No. - TSD2918

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSD2931 STMICROELECTRONICS-TSD2931 Datasheet
47Kb / 4P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
TSD2932 STMICROELECTRONICS-TSD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
More results


Similar Description - TSD2918

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2902 STMICROELECTRONICS-SD2902 Datasheet
210Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com