Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD57060 Datasheet (PDF) - STMicroelectronics

TSD57060 Datasheet PDF - STMicroelectronics
Part # TSD57060
Download  TSD57060 Download

File Size   73.25 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF POWER TRANSISTORS The LdmoSTFAMILY

TSD57060 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSD57060 Datasheet PDF - STMicroelectronics

Part # TSD57060
Download  TSD57060 Click to download

File Size   73.25 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF POWER TRANSISTORS The LdmoSTFAMILY

TSD57060 Datasheet (HTML) - STMicroelectronics

TSD57060 Datasheet HTML 1Page - STMicroelectronics TSD57060 Datasheet HTML 2Page - STMicroelectronics TSD57060 Datasheet HTML 3Page - STMicroelectronics TSD57060 Datasheet HTML 4Page - STMicroelectronics TSD57060 Datasheet HTML 5Page - STMicroelectronics TSD57060 Datasheet HTML 6Page - STMicroelectronics TSD57060 Datasheet HTML 7Page - STMicroelectronics TSD57060 Datasheet HTML 8Page - STMicroelectronics

TSD57060 Product details

HF to 2000 MHz Class AB Common Source - PowerSO-10RF
VHF / UHF radio and digital cellular BTS applications

HF to 2000MHz class AB common source - PowerFLAT
VHF / UHF radio applications

HF to 2000MHz class AB common cource - ceramic packages
UHF TV and digital cellular BTS applications

2 to 400MHz class AB common source N channel MOSFETs
HF / SSB, FM / VHF broadband applications

2 to 30MHz class AB linear, common emitter, HF / SSB



Similar Part No. - TSD57060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSD57060-01 STMICROELECTRONICS-TSD57060-01 Datasheet
71Kb / 8P
   RF POWER TRANSISTORS The LdmoSTFAMILY
More results


Similar Description - TSD57060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD57045-01 STMICROELECTRONICS-SD57045-01 Datasheet
233Kb / 11P
   RF POWER TRANSISTORS The LdmoSTFAMILY
SD57030-01 STMICROELECTRONICS-SD57030-01 Datasheet
73Kb / 7P
   RF POWER TRANSISTORS The LdmoSTFAMILY
SD57045 STMICROELECTRONICS-SD57045 Datasheet
234Kb / 11P
   RF POWER TRANSISTORS The LdmoSTFAMILY
SD57060-01 STMICROELECTRONICS-SD57060-01 Datasheet
71Kb / 8P
   RF POWER TRANSISTORS The LdmoSTFAMILY
SD57120 STMICROELECTRONICS-SD57120 Datasheet
63Kb / 7P
   RF POWER TRANSISTORS The LdmoSTFAMILY
logo
Motorola, Inc
TP3019 MOTOROLA-TP3019 Datasheet
121Kb / 3P
   The RF Line UHF Power Transistors
logo
STMicroelectronics
SD57030 STMICROELECTRONICS-SD57030 Datasheet
262Kb / 7P
   RF POWER TRANSISTORS The LdmoST FAMILY
SD56150 STMICROELECTRONICS-SD56150 Datasheet
214Kb / 8P
   RF POWER TRANSISTORS The LdmoST FAMILY
logo
Motorola, Inc
MRA0610 MOTOROLA-MRA0610 Datasheet
308Kb / 6P
   THE RF LINE UHF POWER TRANSISTORS
logo
STMicroelectronics
SD56120M STMICROELECTRONICS-SD56120M Datasheet
201Kb / 8P
   RF POWER TRANSISTORS The LdmoST FAMILY
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com