Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP50-62 Datasheet (PDF) - STMicroelectronics

SMP50-62 Datasheet PDF - STMicroelectronics
Part # SMP50-62
Download  SMP50-62 Download

File Size   81.69 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TELECOM EQUIPMENT PROTECTION: TRISIL?

SMP50-62 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP50-62 Datasheet PDF - STMicroelectronics

Part # SMP50-62
Download  SMP50-62 Click to download

File Size   81.69 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TELECOM EQUIPMENT PROTECTION: TRISIL?

SMP50-62 Datasheet (HTML) - STMicroelectronics

SMP50-62 Datasheet HTML 1Page - STMicroelectronics SMP50-62 Datasheet HTML 2Page - STMicroelectronics SMP50-62 Datasheet HTML 3Page - STMicroelectronics SMP50-62 Datasheet HTML 4Page - STMicroelectronics SMP50-62 Datasheet HTML 5Page - STMicroelectronics SMP50-62 Datasheet HTML 6Page - STMicroelectronics SMP50-62 Datasheet HTML 7Page - STMicroelectronics SMP50-62 Datasheet HTML 8Page - STMicroelectronics

SMP50-62 Product details

DESCRIPTION
The SMP50-xxx series has been designed to
protect telecommunication equipment against
lightning and transient induced by AC power lines.
The package / die size ratio has been optimized by
using the SMA package.

FEATURES
■ Bidirectional crowbar protection
■ Voltage range from 62V to 270V
■ Low capacitance from 15pF to 30pF typ.@ 50V
■ Low leakage current: IR = 2µA max.
■ Holding current: IH = 150 mA min.
■ Repetitive peak pulse current:
IPP = 50 A (10/1000 µs)




Similar Part No. - SMP50-62

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-62 STMICROELECTRONICS-SMP50-62 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50-62 STMICROELECTRONICS-SMP50-62 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results


Similar Description - SMP50-62

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
   TELECOM EQUIPMENT PROTECTION TRISIL
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL
November 2002 - Ed: 4B
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com