Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ18A-TR Datasheet (PDF) - STMicroelectronics

SMBJ18A-TR Datasheet PDF - STMicroelectronics
Part # SMBJ18A-TR
Download  SMBJ18A-TR Download

File Size   158.91 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRANSILTM

SMBJ18A-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ18A-TR Datasheet PDF - STMicroelectronics

Part # SMBJ18A-TR
Download  SMBJ18A-TR Click to download

File Size   158.91 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRANSILTM

SMBJ18A-TR Datasheet (HTML) - STMicroelectronics

SMBJ18A-TR Datasheet HTML 1Page - STMicroelectronics SMBJ18A-TR Datasheet HTML 2Page - STMicroelectronics SMBJ18A-TR Datasheet HTML 3Page - STMicroelectronics SMBJ18A-TR Datasheet HTML 4Page - STMicroelectronics SMBJ18A-TR Datasheet HTML 5Page - STMicroelectronics SMBJ18A-TR Datasheet HTML 6Page - STMicroelectronics

SMBJ18A-TR Product details

DESCRIPTION
The SMBJ series are TRANSILTM diodes designed specifically for protecting sensitive equipment against transient overvoltages.
Transil diodes provide high overvoltage protection by clamping action. Their instantaneous response to transient overvoltages makes them particularly suited to protect voltage sensitive devices such as MOS Technology and low voltage supplied IC’s.

FEATURES
■ PEAK PULSE POWER : 600 W (10/1000µs)
■ STAND OFF VOLTAGE RANGE : From 5V to 188V.
■ UNI AND BIDIRECTIONAL TYPES
■ LOW CLAMPING FACTOR
■ FAST RESPONSE TIME
■ JEDEC REGISTERED PACKAGE OUTLINE




Similar Part No. - SMBJ18A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMBJ18A-TR STMICROELECTRONICS-SMBJ18A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ18A-TR STMICROELECTRONICS-SMBJ18A-TR Datasheet
133Kb / 10P
   Transil
SMBJ18A-TR STMICROELECTRONICS-SMBJ18A-TR Datasheet
131Kb / 10P
   Transil?
October 2010 Rev 10
More results


Similar Description - SMBJ18A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com