Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

118JB120F101B1 Datasheet (PDF) - CTS Corporation

118JB120F101B1 Datasheet PDF - CTS Corporation
Part # 118JB120F101B1
Download  118JB120F101B1 Download

File Size   547.41 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters

118JB120F101B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
118JB120F101B1 Datasheet PDF - CTS Corporation

Part # 118JB120F101B1
Download  118JB120F101B1 Click to download

File Size   547.41 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters

118JB120F101B1 Datasheet (HTML) - CTS Corporation

118JB120F101B1 Datasheet HTML 1Page - CTS Corporation 118JB120F101B1 Datasheet HTML 2Page - CTS Corporation



Similar Part No. - 118JB120F101B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
118 CTS-118 Datasheet
102Kb / 4P
   1?쓝1??Stratum 3E OCXO
logo
Renesas Technology Corp
118 RENESAS-118 Datasheet
916Kb / 126P
   RENESAS MCU
logo
Keystone Electronics Co...
118 KEYSTONE-118 Datasheet
303Kb / 2P
   CONTACT ON TAPE AND REEL
6.23.15
logo
Marl International Limi...
118-000-04-50 MARL-118-000-04-50 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
118-000-04-52 MARL-118-000-04-52 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results


Similar Description - 118JB120F101B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
115 CTS-115 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
Welwyn Components Limit...
SQP WELWYN-SQP Datasheet
77Kb / 2P
   Ceramic Case Resisters - Wirewound / Metal Oxide
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com