Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1333-BW2 Datasheet (PDF) - STMicroelectronics

ST1333-BW2 Datasheet PDF - STMicroelectronics
Part # ST1333-BW2
Download  ST1333-BW2 Download

File Size   30.2 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms

ST1333-BW2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST1333-BW2 Datasheet PDF - STMicroelectronics

Part # ST1333-BW2
Download  ST1333-BW2 Click to download

File Size   30.2 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms

ST1333-BW2 Datasheet (HTML) - STMicroelectronics

ST1333-BW2 Datasheet HTML 1Page - STMicroelectronics ST1333-BW2 Datasheet HTML 2Page - STMicroelectronics ST1333-BW2 Datasheet HTML 3Page - STMicroelectronics

ST1333-BW2 Product details

DESCRIPTION

The members of the ST1331/1333/1353 family are principally designed for use in prepaid Phonecard applications. Each is a 272-bit EEPROM device, with associated security logic and special fuses to control memory access. The memory is arranged as a matrix of 34 x 8 cells, accessed in a serial bit wise fashion for reading and programming, and in card is unexpectedly extracted, while an operation is underway, in an open reader.



■5 V Single Supply Voltage

■Counting Capability (two options)

– up to 32767 (85-1)

– 8 times reloadable, up to 4095 (84-1)

■Active Authentication Function (ST1333/1353)

■Cipher Block Chaining Function (ST1353)

■Memory Divided into :

– 16 bits of Circuit Identification

– 48 bits of Card Identification

– 40 bits of Count Data

– 16 bits for Validation Certificate

– 24 bits of Transport Code

– 64 bits of Issuer Data (ST1331) or Authentication Secret Key (ST1333/1353)

– 32 bits of Anti-tearing Flags (optional)

– 56 bits of User data (optionally not erasable)

■1 Million Erase/Write Cycle (minimum)

■10 Year Data Retention (minimum)

■3.5 ms Programming Time at 5 V (typical)

■500 µA Supply Current at 5 V (typical)

■250 µA Stand-by Current at 5 V (typical)



 




Similar Part No. - ST1333-BW2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1333 STMICROELECTRONICS-ST1333 Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
More results


Similar Description - ST1333-BW2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1335 STMICROELECTRONICS-ST1335 Datasheet
36Kb / 3P
   5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms
ST1335D STMICROELECTRONICS-ST1335D Datasheet
121Kb / 4P
   5-Contact Memory Card IC 272-bit EEPROM With Advanced Security Mechanisms and Inlock System
ST1305B STMICROELECTRONICS-ST1305B Datasheet
30Kb / 2P
   Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
logo
Microchip Technology
MCP4725 MICROCHIP-MCP4725_09 Datasheet
1Mb / 50P
   12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2009
MCP4725 MICROCHIP-MCP4725 Datasheet
1Mb / 42P
   12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2007
logo
KODENSHI_AUK CORP.
KKE4436 KODENSHI-KKE4436 Datasheet
175Kb / 2P
   Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
List of Unclassifed Man...
IZ4436 ETC-IZ4436 Datasheet
26Kb / 2P
   Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
Microchip Technology
MCP4725 MICROCHIP-MCP4725_V01 Datasheet
2Mb / 56P
   12-Bit Digital-to-Analog Converter with EEPROM Memory
Revision E February 2022
PIC16CE62X MICROCHIP-PIC16CE62X Datasheet
2Mb / 108P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
logo
STMicroelectronics
ST1200 STMICROELECTRONICS-ST1200 Datasheet
24Kb / 2P
   Memory Card IC 256 bit OTP EPROM with Lock-Out
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com