Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3S801-IQC25-A0T Datasheet (PDF) - List of Unclassifed Manufacturers

LM3S801-IQC25-A0T Datasheet PDF - List of Unclassifed Manufacturers
Part # LM3S801-IQC25-A0T
Download  LM3S801-IQC25-A0T Download

File Size   2776.29 Kbytes
Page   397 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Microcontroller

LM3S801-IQC25-A0T Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3S801-IQC25-A0T Datasheet PDF - List of Unclassifed Manufacturers

Part # LM3S801-IQC25-A0T
Download  LM3S801-IQC25-A0T Click to download

File Size   2776.29 Kbytes
Page   397 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Microcontroller

LM3S801-IQC25-A0T Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button LM3S801-IQC25-A0T Datasheet HTML 1Page - List of Unclassifed Manufacturers LM3S801-IQC25-A0T Datasheet HTML 2Page - List of Unclassifed Manufacturers LM3S801-IQC25-A0T Datasheet HTML 3Page - List of Unclassifed Manufacturers LM3S801-IQC25-A0T Datasheet HTML 4Page - List of Unclassifed Manufacturers LM3S801-IQC25-A0T Datasheet HTML 5Page - List of Unclassifed Manufacturers LM3S801-IQC25-A0T Datasheet HTML 6Page - List of Unclassifed Manufacturers LM3S801-IQC25-A0T Datasheet HTML 7Page - List of Unclassifed Manufacturers LM3S801-IQC25-A0T Datasheet HTML 8Page - List of Unclassifed Manufacturers LM3S801-IQC25-A0T Datasheet HTML 9Page - List of Unclassifed Manufacturers LM3S801-IQC25-A0T Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

LM3S801-IQC25-A0T Product details

[Luminary Micro, Inc.]

Architectural Overview
The Luminary Micro Stellaris™ family of microcontrollers—the first ARM® Cortex™-M3 based controllers—brings high-performance 32-bit computing to cost-sensitive embedded microcontroller applications. These pioneering parts deliver customers 32-bit performance at a cost equivalent to legacy 8- and 16-bit devices, all in a package with a small footprint.

Product Features
The LM3S801 microcontroller includes the following product features:
■ 32-Bit RISC Performance
    – 32-bit ARM® Cortex™-M3 v7M architecture optimized for small-footprint embedded applications
    – Thumb®-compatible Thumb-2-only instruction set processor core for high code density
    – 50-MHz operation
    – Hardware-division and single-cycle-multiplication
    – Integrated Nested Vectored Interrupt Controller (NVIC) providing deterministic interrupt handling
    – 26 interrupts with eight priority levels
    – Memory protection unit (MPU) provides a privileged mode for protected operating system functionality
    – Unaligned data access, enabling data to be efficiently packed into memory
    – Atomic bit manipulation (bit-banding) delivers maximum memory utilization and streamlined peripheral control
■ Internal Memory
    – 64 KB single-cycle flash
        • User-managed flash block protection on a 2-KB block basis
        • User-managed flash data programming
        • User-defined and managed flash-protection block
    – 8 KB single-cycle SRAM
■ General-Purpose Timers
    – Three timers, each of which can be configured as a single 32-bit timer or as two 16-bit timers
    – 32-bit Timer modes:
        • Programmable one-shot timer
        • Programmable periodic timer
        • Real-Time Clock when using an external 32.768-KHz clock as the input
        • User-enabled stalling in periodic and one-shot mode when the controller asserts the CPU Halt flag during debug
    – 16-bit Timer modes:
        • General-purpose timer function with an 8-bit prescaler
        • Programmable one-shot timer
        • Programmable periodic timer
        • User-enabled stalling when the controller asserts CPU Halt flag during debug
    – 16-bit Input Capture modes:
        • Input edge count capture
        • Input edge time capture
    – 16-bit PWM mode:
        • Simple PWM mode with software-programmable output inversion of the PWM signal
■ ARM FiRM-compliant Watchdog Timer
    – 32-bit down counter with a programmable load register
    – Separate watchdog clock with an enable
    – Programmable interrupt generation logic with interrupt masking
    – Lock register protection from runaway software
    – Reset generation logic with an enable/disable
    – User-enabled stalling when the controller asserts the CPU Halt flag during debug
■ Synchronous Serial Interface (SSI)
    – Master or slave operation
    – Programmable clock bit rate and prescale
    – Separate transmit and receive FIFOs, 16 bits wide, 8 locations deep
    – Programmable interface operation for Freescale SPI, MICROWIRE, or Texas Instruments synchronous serial interfaces
    – Programmable data frame size from 4 to 16 bits
    – Internal loopback test mode for diagnostic/debug testing
■ UART
    – Two fully programmable 16C550-type UARTs
    – Separate 16x8 transmit (TX) and 16x12 receive (RX) FIFOs to reduce CPU interrupt service loading
    – Programmable baud-rate generator with fractional divider
    – Programmable FIFO length, including 1-byte deep operation providing conventional double-buffered interface
    – FIFO trigger levels of 1/8, 1/4, 1/2, 3/4, and 7/8
    – Standard asynchronous communication bits for start, stop, and parity
    – False-start-bit detection
    – Line-break generation and detection
(Continue ...)

Target Applications
■ Factory automation and control
■ Industrial control power devices
■ Building and home automation
■ Brushless DC and AC induction motors




Similar Part No. - LM3S801-IQC25-A0T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3S801-IQN50-C2 TI1-LM3S801-IQN50-C2 Datasheet
4Mb / 572P
[Old version datasheet]   Stellaris LM3S801 Microcontroller
LM3S801-IQN50-C2T TI1-LM3S801-IQN50-C2T Datasheet
4Mb / 572P
[Old version datasheet]   Stellaris LM3S801 Microcontroller
More results


Similar Description - LM3S801-IQC25-A0T

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com