Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1084SG Datasheet (PDF) - List of Unclassifed Manufacturers

L1084SG Datasheet PDF - List of Unclassifed Manufacturers
Part # L1084SG
Download  L1084SG Download

File Size   145.33 Kbytes
Page   7 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 5A Adjustable Low Dropout Linear Regulator (LDO)

L1084SG Datasheet (PDF)

Go To PDF Page Download Datasheet
L1084SG Datasheet PDF - List of Unclassifed Manufacturers

Part # L1084SG
Download  L1084SG Click to download

File Size   145.33 Kbytes
Page   7 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 5A Adjustable Low Dropout Linear Regulator (LDO)

L1084SG Datasheet (HTML) - List of Unclassifed Manufacturers

L1084SG Datasheet HTML 1Page - List of Unclassifed Manufacturers L1084SG Datasheet HTML 2Page - List of Unclassifed Manufacturers L1084SG Datasheet HTML 3Page - List of Unclassifed Manufacturers L1084SG Datasheet HTML 4Page - List of Unclassifed Manufacturers L1084SG Datasheet HTML 5Page - List of Unclassifed Manufacturers L1084SG Datasheet HTML 6Page - List of Unclassifed Manufacturers L1084SG Datasheet HTML 7Page - List of Unclassifed Manufacturers

L1084SG Product details

[NIKO-SEM]

GENERAL DESCRIPTION
The L1084G is a positive and low dropout three-terminal voltage regulator with 5A output current capability. This device is designed for use in low voltage applications that offers lower dropout voltage and faster transient response.
This device is fully protected against over current faults, over temperature operation, reversed input polarity, reversed lead insertion, transient voltage spike …etc.
On-Chips trimming the reference voltage to 1% and features the low dropout of maximum 1.45 volts.
The L1084G Series regulators are available in the popular industry standard TO-220, TO-263 and TO-252 packages.

FEATURES
● Very easy to use, it requires only two external resistors to set the output voltage
● Low dropout voltage: 1.2V typical at up to 5A
● Low ground current
● Fast transient response
● Current & thermal limiting
● Line regulation: 0.5% typical
● Load regulation: 0.5% typical
● TO-220, TO-263 and TO-252 packages

APPLICATIONS
● High current microprocessor supplies
● Low voltage logic supply
● Powering VGA & sound card
● Portable instrumentation
● Constant current regulator
● Post regulator for switching power supply



Similar Part No. - L1084SG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1084S ETC-L1084S Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084S-3.3 ETC2-L1084S-3.3 Datasheet
150Kb / 7P
   5A Fixed Low Dropout Linear Regulator (LDO)
L1084S3 ETC-L1084S3 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084S3-3.3 ETC2-L1084S3-3.3 Datasheet
150Kb / 7P
   5A Fixed Low Dropout Linear Regulator (LDO)
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results


Similar Description - L1084SG

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084 Datasheet
346Kb / 8P
   5A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
L1084-3.3 ETC2-L1084-3.3 Datasheet
150Kb / 7P
   5A Fixed Low Dropout Linear Regulator (LDO)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com