Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST6230BB3 Datasheet (PDF) - STMicroelectronics

ST6230BB3 Datasheet PDF - STMicroelectronics
Part # ST6230BB3
Download  ST6230BB3 Download

File Size   577.87 Kbytes
Page   86 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART

ST6230BB3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST6230BB3 Datasheet PDF - STMicroelectronics

Part # ST6230BB3
Download  ST6230BB3 Click to download

File Size   577.87 Kbytes
Page   86 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART

ST6230BB3 Datasheet (HTML) - STMicroelectronics

Back Button ST6230BB3 Datasheet HTML 1Page - STMicroelectronics ST6230BB3 Datasheet HTML 2Page - STMicroelectronics ST6230BB3 Datasheet HTML 3Page - STMicroelectronics ST6230BB3 Datasheet HTML 4Page - STMicroelectronics ST6230BB3 Datasheet HTML 5Page - STMicroelectronics ST6230BB3 Datasheet HTML 6Page - STMicroelectronics ST6230BB3 Datasheet HTML 7Page - STMicroelectronics ST6230BB3 Datasheet HTML 8Page - STMicroelectronics ST6230BB3 Datasheet HTML 9Page - STMicroelectronics ST6230BB3 Datasheet HTML 10Page - STMicroelectronics Next Button 

ST6230BB3 Product details

GENERAL DESCRIPTION

INTRODUCTION

The ST62T30B and ST62E30B devices are low cost members of the ST62xx 8-bit HCMOS family of microcontrollers, which is targeted at low to medium complexity applications. All ST62xx devices are based on a building block approach: a common core is surrounded by a number of on-chip peripherals.

The ST62E30B is the erasable EPROM version of the ST62T30B device, which may be used to emulate the ST62T30B device, as well as the respective ST6230B ROM devices.



■ 3.0 to 6.0V Supply Operating Range

■ 8 MHz Maximum Clock Frequency

■ -40 to +125°C Operating Temperature Range

■ Run, Wait and Stop Modes

■ 5 Interrupt Vectors

■ Look-up Table capability in Program Memory

■ Data Storage in Program Memory: User selectable size

■ Data RAM: 192 bytes

■ Data EEPROM: 128 bytes

■ User Programmable Options

■ 20 I/O pins, fully programmable as:

   – Input with pull-up resistor

   – Input without pull-up resistor

   – Input with interrupt generation

   – Open-drain or push-pull output

   – Analog Input

■ 4 I/O lines can sink up to 20mA to drive LEDs or TRIACs directly

■ 8-bit Timer/Counter with 7-bit programmable prescaler

■ 16-bit Auto-reload Timer with 7-bit programmable prescaler (AR Timer)

■ Digital Watchdog

■ 8-bit A/D Converter with 16 analog inputs

■ 8-bit Synchronous Peripheral Interface (SPI)

■ 8-bit Asynchronous Peripheral Interface (UART)

■ On-chip Clock oscillator can be driven by Quartz Crystal or Ceramic resonator

■ Oscillator Safe Guard

■ One external Non-Maskable Interrupt

■ ST623x-EMU2 Emulation and Development System (connects to an MS-DOS PC via a parallel port).



 




Similar Part No. - ST6230BB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6230BB3/XXX STMICROELECTRONICS-ST6230BB3/XXX Datasheet
1Mb / 84P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
More results


Similar Description - ST6230BB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T35B STMICROELECTRONICS-ST62T35B Datasheet
617Kb / 82P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
ST62T32B STMICROELECTRONICS-ST62T32B Datasheet
586Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
ST62T30B STMICROELECTRONICS-ST62T30B_03 Datasheet
1Mb / 84P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
ST62T53B STMICROELECTRONICS-ST62T53B Datasheet
540Kb / 75P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T55B STMICROELECTRONICS-ST62T55B Datasheet
538Kb / 74P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T52B STMICROELECTRONICS-ST62T52B Datasheet
745Kb / 68P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
April 1998 Rev. 2.4
ST62T55C STMICROELECTRONICS-ST62T55C_01 Datasheet
967Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T55C STMICROELECTRONICS-ST62T55C Datasheet
564Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T53C STMICROELECTRONICS-ST62T53C Datasheet
559Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T53C STMICROELECTRONICS-ST62T53C_01 Datasheet
916Kb / 84P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com