Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST6228CN1 Datasheet (PDF) - STMicroelectronics

ST6228CN1 Datasheet PDF - STMicroelectronics
Part # ST6228CN1
Download  ST6228CN1 Download

File Size   561.96 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 28-PIN PACKAGE

ST6228CN1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST6228CN1 Datasheet PDF - STMicroelectronics

Part # ST6228CN1
Download  ST6228CN1 Click to download

File Size   561.96 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 28-PIN PACKAGE

ST6228CN1 Datasheet (HTML) - STMicroelectronics

Back Button ST6228CN1 Datasheet HTML 1Page - STMicroelectronics ST6228CN1 Datasheet HTML 2Page - STMicroelectronics ST6228CN1 Datasheet HTML 3Page - STMicroelectronics ST6228CN1 Datasheet HTML 4Page - STMicroelectronics ST6228CN1 Datasheet HTML 5Page - STMicroelectronics ST6228CN1 Datasheet HTML 6Page - STMicroelectronics ST6228CN1 Datasheet HTML 7Page - STMicroelectronics ST6228CN1 Datasheet HTML 8Page - STMicroelectronics ST6228CN1 Datasheet HTML 9Page - STMicroelectronics ST6228CN1 Datasheet HTML 10Page - STMicroelectronics Next Button 

ST6228CN1 Product details

GENERAL DESCRIPTION

INTRODUCTION

The ST62T28C and ST62E28C devices are low cost members of the ST62xx 8-bit HCMOS family of microcontrollers, which are targeted at low to medium complexity applications. All ST62xx devices are based on a building block approach: a common core is surrounded by a number of on chip peripherals.



■ 3.0 to 6.0V Supply Operating Range

■ 8 MHz Maximum Clock Frequency

■ -40 to +125°C Operating Temperature Range

■ Run, Wait and Stop Modes

■ 5 Interrupt Vectors

■ Look-up Table capability in Program Memory

■ Data Storage in Program Memory: User selectable size

■ Data RAM: 192 bytes

■ User Programmable Options

■ 20 I/O pins, fully programmable as:

– Input with pull-up resistor

– Input without pull-up resistor

– Input with interrupt generation

– Open-drain or push-pull output

– Analog Input

■ 8 I/O lines can sink up to 20mA to drive LEDs or TRIACs directly

■ 8-bit Timer/Counter with 7-bit programmable prescaler

■ 8-bit Auto-reload Timer with 7-bit programmable prescaler (AR Timer)

■ Digital Watchdog

■ 8-bit A/D Converter with 12 analog inputs

■ 8-bit Asynchronous Peripheral Interface(UART)

■ 8-bit Synchronous Peripheral Interface (SPI)

■ On-chip Clock oscill ator can be driven by Quartz Crystal, Ceramic resonator or RC network

■ Oscillator Safe Guard

■ Low Voltage Detector for safe Reset

■ One external Non-Maskable Interrupt

■ ST623x-EMU2 Emulation and Development System (connects to an MS-DOS PC via a parallel port).



 




Similar Part No. - ST6228CN1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6220BB1/HWD STMICROELECTRONICS-ST6220BB1/HWD Datasheet
4Mb / 67P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER
October 1996
ST6220BB1/OTP STMICROELECTRONICS-ST6220BB1/OTP Datasheet
1Mb / 104P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6220BB1/SWD STMICROELECTRONICS-ST6220BB1/SWD Datasheet
4Mb / 67P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER
October 1996
ST6220BB3/OTP STMICROELECTRONICS-ST6220BB3/OTP Datasheet
1Mb / 104P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6220BB6/OTP STMICROELECTRONICS-ST6220BB6/OTP Datasheet
1Mb / 104P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
More results


Similar Description - ST6228CN1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T18C STMICROELECTRONICS-ST62T18C Datasheet
536Kb / 82P
   8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 20-PIN PACKAGE
ST6253C STMICROELECTRONICS-ST6253C Datasheet
1Mb / 83P
   8-bit MCUs with A/D converter, safe reset, auto-reload timer, EEPROM and SPI
ST6262C STMICROELECTRONICS-ST6262C Datasheet
918Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T52C STMICROELECTRONICS-ST62T52C Datasheet
516Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T52C STMICROELECTRONICS-ST62T52C_02 Datasheet
907Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T55C STMICROELECTRONICS-ST62T55C_01 Datasheet
967Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T55C STMICROELECTRONICS-ST62T55C Datasheet
564Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T53C STMICROELECTRONICS-ST62T53C Datasheet
559Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T52CM-AUTO STMICROELECTRONICS-ST62T52CM-AUTO Datasheet
1Mb / 72P
   8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T53C STMICROELECTRONICS-ST62T53C_01 Datasheet
916Kb / 84P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com