Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4704 Datasheet (PDF) - TAITRON Components Incorporated

1N4704 Datasheet PDF - TAITRON Components Incorporated
Part # 1N4704
Download  1N4704 Download

File Size   245.54 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description ZENER DIODES

1N4704 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4704 Datasheet PDF - TAITRON Components Incorporated

Part # 1N4704
Download  1N4704 Click to download

File Size   245.54 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description ZENER DIODES

1N4704 Datasheet (HTML) - TAITRON Components Incorporated

1N4704 Datasheet HTML 1Page - TAITRON Components Incorporated 1N4704 Datasheet HTML 2Page - TAITRON Components Incorporated 1N4704 Datasheet HTML 3Page - TAITRON Components Incorporated 1N4704 Datasheet HTML 4Page - TAITRON Components Incorporated

1N4704 Product details

Zener Diodes

Features
• 500mW Power Dissipation
• High Stability
• Zener Voltage from 3.3V to 39V
• High temperature soldering guaranteed 265°C/10 seconds
   /.037" (9.5mm) lead length,
• RoHS compliant




Similar Part No. - 1N4704

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4704 VISHAY-1N4704 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Micro Commercial Compon...
1N4704 MCC-1N4704 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
Compensated Deuices Inc...
1N4704 CDI-DIODE-1N4704 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
General Semiconductor
1N4704 GE-1N4704 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Knox Semiconductor, Inc
1N4704 KNOX-1N4704 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
More results


Similar Description - 1N4704

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com