Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ1008 Datasheet (PDF) - TAITRON Components Incorporated

GBJ1008 Datasheet PDF - TAITRON Components Incorporated
Part # GBJ1008
Download  GBJ1008 Download

File Size   240.74 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Single-Phase Glass Passivated Bridge Rectifier

GBJ1008 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ1008 Datasheet PDF - TAITRON Components Incorporated

Part # GBJ1008
Download  GBJ1008 Click to download

File Size   240.74 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Single-Phase Glass Passivated Bridge Rectifier

GBJ1008 Datasheet (HTML) - TAITRON Components Incorporated

GBJ1008 Datasheet HTML 1Page - TAITRON Components Incorporated GBJ1008 Datasheet HTML 2Page - TAITRON Components Incorporated GBJ1008 Datasheet HTML 3Page - TAITRON Components Incorporated GBJ1008 Datasheet HTML 4Page - TAITRON Components Incorporated

GBJ1008 Product details

Features

• Plastic package has Underwriters Laboratory Flammability Classification 94 V-0

• Glass passivated die construction

• High case dielectric strength of 1500 VRMS

• Low reverse leakage current

• Ideal for printed circuit boards

• Surge overload rating to 170A Peak

• This series is UL recognized under component index, File number E194718

• RoHS Compliant



 




Similar Part No. - GBJ1008

ManufacturerPart #DatasheetDescription
logo
RFE international
GBJ1008 RFE-GBJ1008 Datasheet
1,021Kb / 3P
   Bridge Rectifiers
17-APR-2023
logo
Diodes Incorporated
GBJ1008 DIODES-GBJ1008 Datasheet
65Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS21218 Rev. D-2
logo
SeCoS Halbleitertechnol...
GBJ1008 SECOS-GBJ1008 Datasheet
952Kb / 2P
   Voltage 50V ~ 1000V 10.0 Amp Glass Passivited Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ1008 MCC-GBJ1008 Datasheet
226Kb / 3P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ1008 MCC-GBJ1008 Datasheet
89Kb / 2P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Similar Description - GBJ1008

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com