Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF1M Datasheet (PDF) - TAITRON Components Incorporated

GF1M Datasheet PDF - TAITRON Components Incorporated
Part # GF1M
Download  GF1M Download

File Size   150.62 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1.0A Surface Mount Sintered Glass Passivated Rectifier

GF1M Datasheet (PDF)

Go To PDF Page Download Datasheet
GF1M Datasheet PDF - TAITRON Components Incorporated

Part # GF1M
Download  GF1M Click to download

File Size   150.62 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1.0A Surface Mount Sintered Glass Passivated Rectifier

GF1M Datasheet (HTML) - TAITRON Components Incorporated

GF1M Datasheet HTML 1Page - TAITRON Components Incorporated GF1M Datasheet HTML 2Page - TAITRON Components Incorporated GF1M Datasheet HTML 3Page - TAITRON Components Incorporated GF1M Datasheet HTML 4Page - TAITRON Components Incorporated GF1M Datasheet HTML 5Page - TAITRON Components Incorporated

GF1M Product details

Features
• Low profile surface mounted package
• Sintered glass passivated cavity-free junction
• Plastic package has underwriters laboratory
   flammability classification 94V-0
• High temperature soldering: 260 °C / 10 seconds at terminals
• RoHS compliant




Similar Part No. - GF1M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GF1M GE-GF1M Datasheet
90Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GF1M VISHAY-GF1M Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
GF1M VISHAY-GF1M Datasheet
42Kb / 2P
   Surface Mount Glass Passivated Rectifier
Revision: 15-Mar-11
logo
Zibo Seno Electronic En...
GF1M ZSELEC-GF1M Datasheet
111Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
Fairchild Semiconductor
GF1M FAIRCHILD-GF1M Datasheet
49Kb / 3P
   General Purpose Rectifiers (Glass Passivated)
More results


Similar Description - GF1M

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GF1Q TAITRON-GF1Q Datasheet
150Kb / 5P
   1.0A Surface Mount Sintered Glass Passivated Rectifier
GP10Q TAITRON-GP10Q Datasheet
129Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
GP02-20 TAITRON-GP02-20 Datasheet
126Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
GP10A TAITRON-GP10A Datasheet
127Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
TCDT1QW TAITRON-TCDT1QW Datasheet
201Kb / 7P
   1.0A Sintered Glass Passivated Standard Rectifier
TCDT1DW TAITRON-TCDT1DW Datasheet
199Kb / 7P
   1.0A Sintered Glass Passivated Standard Rectifier
TCDR1DW TAITRON-TCDR1DW Datasheet
200Kb / 6P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1QW TAITRON-TCDR1QW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com