Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72213G1M3 Datasheet (PDF) - STMicroelectronics

ST72213G1M3 Datasheet PDF - STMicroelectronics
Part # ST72213G1M3
Download  ST72213G1M3 Download

File Size   531.03 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS

ST72213G1M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST72213G1M3 Datasheet PDF - STMicroelectronics

Part # ST72213G1M3
Download  ST72213G1M3 Click to download

File Size   531.03 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS

ST72213G1M3 Datasheet (HTML) - STMicroelectronics

Back Button ST72213G1M3 Datasheet HTML 1Page - STMicroelectronics ST72213G1M3 Datasheet HTML 2Page - STMicroelectronics ST72213G1M3 Datasheet HTML 3Page - STMicroelectronics ST72213G1M3 Datasheet HTML 4Page - STMicroelectronics ST72213G1M3 Datasheet HTML 5Page - STMicroelectronics ST72213G1M3 Datasheet HTML 6Page - STMicroelectronics ST72213G1M3 Datasheet HTML 7Page - STMicroelectronics ST72213G1M3 Datasheet HTML 8Page - STMicroelectronics ST72213G1M3 Datasheet HTML 9Page - STMicroelectronics ST72213G1M3 Datasheet HTML 10Page - STMicroelectronics Next Button 

ST72213G1M3 Product details

GENERAL DESCRIPTION

INTRODUCTION

The ST72101, ST72213 and ST72212 HCMOS Microcontroller Units are members of the ST7 family. These devices are based on an industry standard 8-bit core and feature an enhanced instruction set. They normally operate at a 16MHz oscillator frequency. Under software control, the ST72101, ST72213 and ST72212 may be placed in either WAIT, SLOW or HALT modes, thus reducing power consumption. The enhanced instruction set and addressing modes afford real programming potential.



■ User Program Memory (ROM/OTP/EPROM): 4 to 8K bytes

■ Data RAM: 256 bytes, including 64 bytes of stack

■ Master Reset and Power-On Reset

■ Run, Wait, Slow, Halt and RAM Retention modes

■ 22 multifunctional bidirectional I/O lines:

– 22 programmable interrupt inputs

– 8 high sink outputs

– 6 analog alternate inputs

– 10 to 14 alternate functions

–EMI filtering

■ Programmable watchdog (WDG)

■ One or two 16-bit Timers, each featuring:

– 2 Input Captures

– 2 Output Compares

– External Clock input (on Timer A only)

– PWM and Pulse Generator modes

■ Synchronous Serial Peripheral Interface (SPI)

■ 8-bit Analog-to-Digital converter (6 channels) (ST72212 and ST72213 only)

■ 8-bit Data Manipulation

■ 63 Basic Instructions

■ 17 main Addressing Modes

■ 8 x 8 Unsigned Multiply Instruction

■ True Bit Manipulation

■ Complete Development Support on PC/DOS WINDOWSTM Real-Time Emulator

■ Full Software Package on DOS/WINDOWSTM (C-Compiler, Cross-Assembler, Debugger)



 




Similar Part No. - ST72213G1M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72213G1M3 STMICROELECTRONICS-ST72213G1M3 Datasheet
885Kb / 85P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
More results


Similar Description - ST72213G1M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72101 STMICROELECTRONICS-ST72101_01 Datasheet
885Kb / 85P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
   8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
   8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
October 1997 Rev. 1.2
logo
Fortune Semiconductor C...
FS98O25 FORTUNE-FS98O25 Datasheet
2Mb / 142P
   8-bit MCU with 8k program EPROM, 256-byte RAM
logo
STMicroelectronics
ST72F32AJ2T6 STMICROELECTRONICS-ST72F32AJ2T6 Datasheet
1Mb / 157P
   8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
December 2005 Rev. 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com