Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F4405R Datasheet (PDF) - Fox Electronics

F4405R Datasheet PDF - Fox Electronics
Part # F4405R
Download  F4405R Download

File Size   202.24 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS, 7.5x5mm, 2.5V, SMD Oscillator

F4405R Datasheet (PDF)

Go To PDF Page Download Datasheet
F4405R Datasheet PDF - Fox Electronics

Part # F4405R
Download  F4405R Click to download

File Size   202.24 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS, 7.5x5mm, 2.5V, SMD Oscillator

F4405R Datasheet (HTML) - Fox Electronics

F4405R Datasheet HTML 1Page - Fox Electronics F4405R Datasheet HTML 2Page - Fox Electronics



Similar Part No. - F4405R

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F4465 ITF-F4465 Datasheet
320Kb / 7P
   SAW Bandpass Filter
F4471 ITF-F4471 Datasheet
315Kb / 7P
   SAW Bandpass Filter
F4472 ITF-F4472 Datasheet
168Kb / 7P
   RF bandpass filter
logo
Renesas Technology Corp
F4481 RENESAS-F4481 Datasheet
3Mb / 45P
   DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
F4482 RENESAS-F4482 Datasheet
4Mb / 49P
   DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
More results


Similar Description - F4405R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4300 FOX-F4300 Datasheet
205Kb / 2P
   HCMOS, 7.5x5mm, 2.85V SMD Oscillator
F4500 FOX-F4500 Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
F547 FOX-F547 Datasheet
220Kb / 2P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
F240TS FOX-F240TS Datasheet
500Kb / 2P
   HCMOS 2.5x2.0mm 2.5V SMD Oscillator
F140 FOX-F140 Datasheet
491Kb / 2P
   HCMOS 2.0x1.6mm 2.5V SMD Oscillator
F547F549 FOX-F547F549 Datasheet
203Kb / 2P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
FK345 FOX-FK345 Datasheet
431Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
F340 FOX-F340 Datasheet
85Kb / 2P
   HCMOS 3.2x2.5mm 2.5V SMD Oscillator
FSS52 FOX-FSS52 Datasheet
439Kb / 3P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com