Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ170CA Datasheet (PDF) - TAITRON Components Incorporated

SMBJ170CA Datasheet PDF - TAITRON Components Incorporated
Part # SMBJ170CA
Download  SMBJ170CA Download

File Size   181.16 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 600W Surface Mount Transient Voltage Suppressor

SMBJ170CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ170CA Datasheet PDF - TAITRON Components Incorporated

Part # SMBJ170CA
Download  SMBJ170CA Click to download

File Size   181.16 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 600W Surface Mount Transient Voltage Suppressor

SMBJ170CA Datasheet (HTML) - TAITRON Components Incorporated

SMBJ170CA Datasheet HTML 1Page - TAITRON Components Incorporated SMBJ170CA Datasheet HTML 2Page - TAITRON Components Incorporated SMBJ170CA Datasheet HTML 3Page - TAITRON Components Incorporated SMBJ170CA Datasheet HTML 4Page - TAITRON Components Incorporated SMBJ170CA Datasheet HTML 5Page - TAITRON Components Incorporated

SMBJ170CA Product details

600W Surface Mount Transient Voltage Suppressor

Features
• Stand-off voltage from 5.0 to 170 volts
• 600W Peak Pulse Power capability on 10/1000 µs waveform repetition rate(duty cycle): 0.01%
• Fast response time: typically less than 1.0ps from 0v to VBR
• Low incremental surge resistance, excellent clamping capability
• Typical IR less than 1 uA above 10V
• High temperature soldering guaranteed:250°C/10 seconds at terminals
• This series is UL recognized under component index. File number E315008
• RoHS Compliant




Similar Part No. - SMBJ170CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ170CA LUGUANG-SMBJ170CA Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Bytes
SMBJ170CA BYTES-SMBJ170CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Zowie Technology Corpor...
SMBJ170CA ZOWIE-SMBJ170CA Datasheet
294Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
SMBJ170CA DAESAN-SMBJ170CA Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Shenzhen Luguang Electr...
SMBJ170CA LUGUANG-SMBJ170CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SMBJ170CA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com