Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95P04 Datasheet (PDF) - STMicroelectronics

95P04 Datasheet PDF - STMicroelectronics
Part # 95P04
Download  95P04 Download

File Size   151.82 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM

95P04 Datasheet (PDF)

Go To PDF Page Download Datasheet
95P04 Datasheet PDF - STMicroelectronics

Part # 95P04
Download  95P04 Click to download

File Size   151.82 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM

95P04 Datasheet (HTML) - STMicroelectronics

Back Button 95P04 Datasheet HTML 1Page - STMicroelectronics 95P04 Datasheet HTML 2Page - STMicroelectronics 95P04 Datasheet HTML 3Page - STMicroelectronics 95P04 Datasheet HTML 4Page - STMicroelectronics 95P04 Datasheet HTML 5Page - STMicroelectronics 95P04 Datasheet HTML 6Page - STMicroelectronics 95P04 Datasheet HTML 7Page - STMicroelectronics 95P04 Datasheet HTML 8Page - STMicroelectronics 95P04 Datasheet HTML 9Page - STMicroelectronics 95P04 Datasheet HTML 10Page - STMicroelectronics Next Button 

95P04 Product details

DESCRIPTION
The ST95P04 is a 4K bit Electrically Erasable Programmable Memory (EEPROM) fabricated with SGS-THOMSON’s High Endurance Single Polysilicon CMOS technology. The 4K bit memory is organised as 32 pages of 16 bytes. The memory is accessed by a simple SPI bus compatible serial interface. The bus signals are a serial clock input (C), a serial data input (D) and a serial data output (Q). The device connected to the bus is selected when the chip select input (S) goes low. Communications with the chip can be interrupted with a hold input (HOLD). The write operation is disabled by a write protect input (W).

■ 1 MILLION ERASE/WRITE CYCLES
■ 40 YEARS DATA RETENTION
■ SINGLE 3V to 5.5V SUPPLY VOLTAGE
■ SPI BUS COMPATIBLE SERIAL INTERFACE
■ 1 MHz CLOCK RATE MAX
■ BLOCK WRITE PROTECTION
■ STATUS REGISTER
■ 16 BYTE PAGE MODE
■ WRITE PROTECT
■ SELF-TIMED PROGRAMMING CYCLE
■ E.S.D.PROTECTION GREATER than 4000V
■ The ST95P04 will be replaced shortly by the updated version ST95040




Similar Part No. - 95P04

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
95PF-120 TEL-95PF-120 Datasheet
202Kb / 1P
   STANDARD RECOVERY DIODE
95PF-40 TEL-95PF-40 Datasheet
202Kb / 1P
   STANDARD RECOVERY DIODE
95PF-80 TEL-95PF-80 Datasheet
202Kb / 1P
   STANDARD RECOVERY DIODE
logo
International Rectifier
95PF120 IRF-95PF120 Datasheet
93Kb / 7P
   STANDARD RECOVERY DIODES GEN II DO5
logo
Vishay Siliconix
95PF120 VISHAY-95PF120 Datasheet
131Kb / 6P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 01-Oct-08
More results


Similar Description - 95P04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95P02 STMICROELECTRONICS-ST95P02 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
logo
Microchip Technology
25LC040P MICROCHIP-25LC040P Datasheet
421Kb / 22P
   4K SPI Bus Serial EEPROM
2006
25AA040 MICROCHIP-25AA040 Datasheet
240Kb / 12P
   4K SPI ??Bus Serial EEPROM
2006
25AA040 MICROCHIP-25AA040_06 Datasheet
419Kb / 22P
   4K SPI ??Bus Serial EEPROM
2006
25AA040A MICROCHIP-25AA040A Datasheet
571Kb / 28P
   4K SPI Bus Serial EEPROM
2007
25AA040A MICROCHIP-25AA040A_09 Datasheet
475Kb / 30P
   4K SPI Bus Serial EEPROM
2009
25AA040A MICROCHIP-25AA040A_12 Datasheet
1Mb / 38P
   4K SPI Bus Serial EEPROM
11/27/12
25AA040 MICROCHIP-25AA040 Datasheet
335Kb / 22P
   4K SPI Bus Serial EEPROM
08/29/06
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
   512 Kbit SPI Bus Serial EEPROM
10/28/13
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com