Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

START405TR Datasheet (PDF) - STMicroelectronics

START405TR Datasheet PDF - STMicroelectronics
Part # START405TR
Download  START405TR Download

File Size   70.6 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NPN Silicon RF Transistor

START405TR Datasheet (PDF)

Go To PDF Page Download Datasheet
START405TR Datasheet PDF - STMicroelectronics

Part # START405TR
Download  START405TR Click to download

File Size   70.6 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NPN Silicon RF Transistor

START405TR Datasheet (HTML) - STMicroelectronics

START405TR Datasheet HTML 1Page - STMicroelectronics START405TR Datasheet HTML 2Page - STMicroelectronics START405TR Datasheet HTML 3Page - STMicroelectronics START405TR Datasheet HTML 4Page - STMicroelectronics START405TR Datasheet HTML 5Page - STMicroelectronics START405TR Datasheet HTML 6Page - STMicroelectronics START405TR Datasheet HTML 7Page - STMicroelectronics

START405TR Product details

DESCRIPTION
The START405 is a member of the START family that provide the state of the art of RF silicon process to the market.  Manufacturated in the third generation of ST proprietary bipolar process, it
offers the  best mix of gain and NF for given breakdown voltage(BVceo). It offers performance level only archived with GaAs products before.

• LOW NOISE FIGURE: NFmin = 1.1dB @ 1.8GHz, 2mA, 2V
• COMPRESSION P1dB = 5dBm @ 1.8GHz, 5mA, 2V
• TRANSITION FREQUENCY 42GHz
• LOW CURRENT CONSUMPTION
• ULTRA MINIATURE SOT343 PACKAGE

APPLICATIONS
• LNA FOR GSM/DCS, DECT, PCS, PCN, CDMA, W-CDMA
• GENERAL PURPOSE 500MHz-5GHz




Similar Part No. - START405TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
START420 STMICROELECTRONICS-START420 Datasheet
69Kb / 7P
   NPN Silicon RF Transistor
START420TR STMICROELECTRONICS-START420TR Datasheet
69Kb / 7P
   NPN Silicon RF Transistor
START450 STMICROELECTRONICS-START450 Datasheet
70Kb / 7P
   NPN Silicon RF Transistor
START450TR STMICROELECTRONICS-START450TR Datasheet
70Kb / 7P
   NPN Silicon RF Transistor
START499 STMICROELECTRONICS-START499 Datasheet
70Kb / 7P
   NPN Silicon RF Transistor
More results


Similar Description - START405TR

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com