Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST93C46AB1TR Datasheet (PDF) - STMicroelectronics

ST93C46AB1TR Datasheet PDF - STMicroelectronics
Part # ST93C46AB1TR
Download  ST93C46AB1TR Download

File Size   111.49 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM

ST93C46AB1TR Datasheet (PDF)

Go To PDF Page Download Datasheet
ST93C46AB1TR Datasheet PDF - STMicroelectronics

Part # ST93C46AB1TR
Download  ST93C46AB1TR Click to download

File Size   111.49 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM

ST93C46AB1TR Datasheet (HTML) - STMicroelectronics

Back Button ST93C46AB1TR Datasheet HTML 1Page - STMicroelectronics ST93C46AB1TR Datasheet HTML 2Page - STMicroelectronics ST93C46AB1TR Datasheet HTML 3Page - STMicroelectronics ST93C46AB1TR Datasheet HTML 4Page - STMicroelectronics ST93C46AB1TR Datasheet HTML 5Page - STMicroelectronics ST93C46AB1TR Datasheet HTML 6Page - STMicroelectronics ST93C46AB1TR Datasheet HTML 7Page - STMicroelectronics ST93C46AB1TR Datasheet HTML 8Page - STMicroelectronics ST93C46AB1TR Datasheet HTML 9Page - STMicroelectronics ST93C46AB1TR Datasheet HTML 10Page - STMicroelectronics Next Button 

ST93C46AB1TR Product details

DESCRIPTION
This specification covers a range of 1K bit serial EEPROM products, the ST93C46A,46C,46T specified at 5V±10% and the ST93C47C,47T specified at 3V to 5.5V.
In the text, products are referred to as ST93C46. The ST93C46 is a 1K bit Electrically Erasable ProgrammableMemory (EEPROM) fabricatedwith SGS-THOMSON’s High EnduranceSingle Polysili
con CMOS technology. The memory is accessed through a serial input (D) and output (Q).

1 MILLION ERASE/WRITE CYCLES, with 40 YEARS DATA RETENTION
DUAL ORGANIZATION: 64 x 16 or 128 x 8
BYTE/WORD and ENTIRE MEMORY PROGRAMMING INSTRUCTIONS
SELF-TIMED PROGRAMMING CYCLE with AUTO-ERASE
READY/BUSY SIGNAL DURING  PROGRAMMING
SINGLE SUPPLY VOLTAGE:
   – 4.5V to 5.5V for ST93C46 version
   – 3V to 5.5V for ST93C47 version
SEQUENTIAL READ OPERATION
5ms TYPICAL PROGRAMMING TIME
ENHANCED ESD/LATCH UP PERFORMANCE for ”C” VERSION
ST93C46A, ST93C46C, ST93C46T, ST93C47C, ST93C47T are replaced by the M93C46




Similar Part No. - ST93C46AB1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
ST93C06B1013TR STMICROELECTRONICS-ST93C06B1013TR Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
ST93C06B3013TR STMICROELECTRONICS-ST93C06B3013TR Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
ST93C06B6013TR STMICROELECTRONICS-ST93C06B6013TR Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
ST93C06C STMICROELECTRONICS-ST93C06C Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
More results


Similar Description - ST93C46AB1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93CS46 STMICROELECTRONICS-ST93CS46 Datasheet
124Kb / 16P
   1K 64 x 16 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
STMicroelectronics
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
logo
Microchip Technology
ER5911 MICROCHIP-ER5911 Datasheet
421Kb / 8P
   1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM
1989
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
ST93CS56 STMICROELECTRONICS-ST93CS56 Datasheet
124Kb / 16P
   2K 128 x 16 SERIAL MICROWIRE EEPROM
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
   4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT93C46A ATMEL-AT93C46A Datasheet
143Kb / 15P
   3-Wire Serial EEPROM 1K (64 x 16)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com