Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGL41-18A Datasheet (PDF) - TAITRON Components Incorporated

TGL41-18A Datasheet PDF - TAITRON Components Incorporated
Part # TGL41-18A
Download  TGL41-18A Download

File Size   217.72 Kbytes
Page   6 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 400W Surface Mount Transient Voltage Suppressor

TGL41-18A Datasheet (PDF)

Go To PDF Page Download Datasheet
TGL41-18A Datasheet PDF - TAITRON Components Incorporated

Part # TGL41-18A
Download  TGL41-18A Click to download

File Size   217.72 Kbytes
Page   6 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 400W Surface Mount Transient Voltage Suppressor

TGL41-18A Datasheet (HTML) - TAITRON Components Incorporated

TGL41-18A Datasheet HTML 1Page - TAITRON Components Incorporated TGL41-18A Datasheet HTML 2Page - TAITRON Components Incorporated TGL41-18A Datasheet HTML 3Page - TAITRON Components Incorporated TGL41-18A Datasheet HTML 4Page - TAITRON Components Incorporated TGL41-18A Datasheet HTML 5Page - TAITRON Components Incorporated TGL41-18A Datasheet HTML 6Page - TAITRON Components Incorporated

TGL41-18A Product details

400W Surface Mount Transient Voltage Suppressor

Features
• Breakdown voltage from 6.8 to 170 volts
• Glass passivated junction
• Excellent clamping capability
• Low incremental surge resistance
• 400W peak pulse capability with a 10/1000us waveform, Repetition rate (duty cycle): 0.01%
• Fast response time: typically less than 1.0ps from 0V to VBR
• For devices with VBR≥10V, ID are typically less than 1.0uA
• High temperature soldering guaranteed 250°C/10 seconds at terminals
• RoHS Compliant




Similar Part No. - TGL41-18A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL41-18A DIOTEC-TGL41-18A Datasheet
164Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
TGL41-18A MICROSEMI-TGL41-18A Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-18A MICROSEMI-TGL41-18A Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
TGL41-18A VISHAY-TGL41-18A Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
logo
Diotec Semiconductor
TGL41-18A DIOTEC-TGL41-18A Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Similar Description - TGL41-18A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com