Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB7102TR Datasheet (PDF) - STMicroelectronics

STB7102TR Datasheet PDF - STMicroelectronics
Part # STB7102TR
Download  STB7102TR Download

File Size   99.89 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.5/2.5 GHz UHF LO BUFFER AMPLIFIER

STB7102TR Datasheet (PDF)

Go To PDF Page Download Datasheet
STB7102TR Datasheet PDF - STMicroelectronics

Part # STB7102TR
Download  STB7102TR Click to download

File Size   99.89 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.5/2.5 GHz UHF LO BUFFER AMPLIFIER

STB7102TR Datasheet (HTML) - STMicroelectronics

STB7102TR Datasheet HTML 1Page - STMicroelectronics STB7102TR Datasheet HTML 2Page - STMicroelectronics STB7102TR Datasheet HTML 3Page - STMicroelectronics STB7102TR Datasheet HTML 4Page - STMicroelectronics STB7102TR Datasheet HTML 5Page - STMicroelectronics STB7102TR Datasheet HTML 6Page - STMicroelectronics STB7102TR Datasheet HTML 7Page - STMicroelectronics STB7102TR Datasheet HTML 8Page - STMicroelectronics STB7102TR Datasheet HTML 9Page - STMicroelectronics

STB7102TR Product details

DESCRIPTION
The STB7102, STB7103 and STB7104 designed for Mobile Phone applications (0.1/2.5GHz), are an high isolation Si MMIC Buffer Amplifiers. Manufactured in the third generation of ST proprietary bipolar process, they offers an excellent isolation and a good linearity using a low current consumption. These low current amplifiers operate on 3.0 V. The STB710x family is housed in an ultra miniature package SOT323-6L surface mount package. SOT323-6L dimensions are 1.15mmx1.8mm with 0.8 mm thickness.

FEATURES
STB710X FAMILY
• OPERATING FREQUENCY 100-2500MHz
• EXCELLENT ISOLATION
• LOW CURRENT CONSUMPTION
• ULTRA MINIATURE SOT323-6L PACKAGE
   (1.15 x 1.8 x 0.8 mm)
  
STB7102
• HIGH ISOLATION (45 dB @ 950 MHz)

STB7103
• HIGH LINEARITY (P1 dB OUTPUT = +1.5 dBm)

STB7104
• LOW CURRENT CONSUMPTION (2.8 mA)

APPLICATION
   UHF BUFFER AMPLIFIER for Mobile Phone Application (0.1/2.5GHz)




Similar Part No. - STB7102TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7102TR STMICROELECTRONICS-STB7102TR Datasheet
145Kb / 10P
   0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
More results


Similar Description - STB7102TR

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA005-025-10-24 TRANSCOM-TA005-025-10-24 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 24 dBm Amplifier
TA005-025-14-19 TRANSCOM-TA005-025-14-19 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 19 dBm Amplifier
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 20 dBm Amplifier
TA005-025-23-24 TRANSCOM-TA005-025-23-24 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 24 dBm Amplifier
logo
Mini-Circuits
VNA-21 MINI-VNA-21 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-22 MINI-VNA-22 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-28 MINI-VNA-28 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
logo
Hittite Microwave Corpo...
HMC915LP4E HITTITE-HMC915LP4E Datasheet
294Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.5 - 2.7 GHz
HMC422MS8 HITTITE-HMC422MS8 Datasheet
212Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.2 - 2.5 GHz
HMC352MS8 HITTITE-HMC352MS8_01 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 2.5 GHz
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com