Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD0720 Datasheet (PDF) - Fairchild Semiconductor

FOD0720 Datasheet PDF - Fairchild Semiconductor
Part # FOD0720
Download  FOD0720 Download

File Size   267.79 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High CMR, 25Mbit/sec Logic Gate Optocoupler

FOD0720 Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD0720 Datasheet PDF - Fairchild Semiconductor

Part # FOD0720
Download  FOD0720 Click to download

File Size   267.79 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High CMR, 25Mbit/sec Logic Gate Optocoupler

FOD0720 Datasheet (HTML) - Fairchild Semiconductor

Back Button FOD0720 Datasheet HTML 1Page - Fairchild Semiconductor FOD0720 Datasheet HTML 2Page - Fairchild Semiconductor FOD0720 Datasheet HTML 3Page - Fairchild Semiconductor FOD0720 Datasheet HTML 4Page - Fairchild Semiconductor FOD0720 Datasheet HTML 5Page - Fairchild Semiconductor FOD0720 Datasheet HTML 6Page - Fairchild Semiconductor FOD0720 Datasheet HTML 7Page - Fairchild Semiconductor FOD0720 Datasheet HTML 8Page - Fairchild Semiconductor FOD0720 Datasheet HTML 9Page - Fairchild Semiconductor FOD0720 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FOD0720 Product details

Description
The FOD0721/0720/0710 family utilizes Fairchild’s proprietarycoplanar packaging technology, Optoplanar®, and optimized IC design to guarantee minimum 20kV/µs Common Mode Noise Rejection (CMR) rating.

Features
■ 20kV/µs minimum CMR
■ 40ns max. propagation delay
■ Data Rate, Non-Return Zero Coding
    – 25Mbit/sec (FOD0721 and FOD0720)
    – 12.5Mbit/sec (FOD0710)
■ Pulse Width Distortion
    – 6ns (FOD0721)
    – 8ns (FOD0720 and FOD0710)
■ +5V CMOS compatibility
■ Extended industrial temperate range
    – -40 to 100°C temperature range
■ Safety and regulatory approvals
    – UL1577, 3750 VACrms for 1 min. (File #E90700, Volume 2)
    – IEC60747-5-2 pending approval

Applications
■ Industrial fieldbus communications
    – Profibus, DeviceNet, CAN, RS485
■ Programmable logic control
■ Isolated data acquisition system




Similar Part No. - FOD0720

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD0720 FAIRCHILD-FOD0720 Datasheet
626Kb / 12P
   High CMR, 25Mbit/sec Logic Gate Optocoupler
More results


Similar Description - FOD0720

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD0721 FAIRCHILD-FOD0721_10 Datasheet
626Kb / 12P
   High CMR, 25Mbit/sec Logic Gate Optocoupler
FOD8012 FAIRCHILD-FOD8012 Datasheet
226Kb / 12P
   High CMR, Bi-Directional, Logic Gate Optocoupler
logo
ON Semiconductor
FOD8012A ONSEMI-FOD8012A Datasheet
198Kb / 11P
   Logic Gate Optocoupler, High CMR, Bi-Directional
January, 2022 - Rev. 2
logo
Skyworks Solutions Inc.
OLH500 SKYWORKS-OLH500 Datasheet
332Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Optocoupler
April 17, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2411-300E AVAGO-HCPL-2411-300E Datasheet
2Mb / 6P
   20 m baud high cmr logic gate optocoupler
logo
Skyworks Solutions Inc.
OLF500 SKYWORKS-OLF500 Datasheet
312Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Surface Mount Optocoupler
April 17, 2017
OLS500 SKYWORKS-OLS500 Datasheet
360Kb / 6P
   Hermetic Surface Mount High CMR, High-Speed Logic Gate Optocoupler
April 17, 2017
OLI500 SKYWORKS-OLI500 Datasheet
521Kb / 6P
   Miniature High CMR, High-Speed Logic Gate Optocoupler for Hybrid Assembly
August 4, 2021
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com