Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD12N10L Datasheet (PDF) - STMicroelectronics

STD12N10L Datasheet PDF - STMicroelectronics
Part # STD12N10L
Download  STD12N10L Download

File Size   45.37 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 100V - 0.12 ohm - 12A TO-252 LOW THRESHOLD POWER MOS TRANSISTOR

STD12N10L Datasheet (PDF)

Go To PDF Page Download Datasheet
STD12N10L Datasheet PDF - STMicroelectronics

Part # STD12N10L
Download  STD12N10L Click to download

File Size   45.37 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 100V - 0.12 ohm - 12A TO-252 LOW THRESHOLD POWER MOS TRANSISTOR

STD12N10L Datasheet (HTML) - STMicroelectronics

STD12N10L Datasheet HTML 1Page - STMicroelectronics STD12N10L Datasheet HTML 2Page - STMicroelectronics STD12N10L Datasheet HTML 3Page - STMicroelectronics STD12N10L Datasheet HTML 4Page - STMicroelectronics STD12N10L Datasheet HTML 5Page - STMicroelectronics STD12N10L Datasheet HTML 6Page - STMicroelectronics

STD12N10L Product details

N - CHANNEL 100V - 0.12 Ω - 12A TO-252 LOW THRESHOLD POWER MOS TRANSISTOR

■ TYPICAL RDS(on) = 0.12 Ω
■ AVALANCHE RUGGED TECHNOLOGY
■ 100% AVALANCHE TESTED
■ HIGH CURRENT CAPABILITY
■ 175 °C OPERATING TEMPERATURE
■ LOW THRESHOLD DRIVE
■ FOR THROUGH-HOLE VERSION CONTACT
   SALES OFFICE

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SOLENOID AND RELAY DRIVERS
■ MOTOR CONTROL, AUDIO AMPLIFIERS
■ DC-DC & DC-AC CONVERTERS
■ AUTOMOTIVE ENVIRONMENT(INJECTION,
   ABS, AIR-BG, LAMPDRIVERS, Etc.)




Similar Part No. - STD12N10L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD12N10L VBSEMI-STD12N10L Datasheet
1,010Kb / 7P
   N-Channel 100 V (D-S) MOSFET
More results


Similar Description - STD12N10L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDID5B STMICROELECTRONICS-STDID5B Datasheet
113Kb / 6P
   N - CHANNEL 55V - 0.1 ohm - 12A TO-252 STripFET POWER MOSFET
logo
Intersil Corporation
BUZ20 INTERSIL-BUZ20 Datasheet
42Kb / 5P
   12A, 100V, 0.200 Ohm, N-Channel Power MOSFET
October 1998
logo
STMicroelectronics
STP16N10L STMICROELECTRONICS-STP16N10L Datasheet
50Kb / 5P
   N - CHANNEL 100V - 0.14 ohm - 16A - TO-220 POWER MOS TRANSISTOR
STP21N05L STMICROELECTRONICS-STP21N05L Datasheet
197Kb / 10P
   N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
STK12N05L STMICROELECTRONICS-STK12N05L Datasheet
180Kb / 10P
   N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
STD17N05L STMICROELECTRONICS-STD17N05L Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
STD8N10L STMICROELECTRONICS-STD8N10L Datasheet
381Kb / 9P
   N-CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
STD15N06L STMICROELECTRONICS-STD15N06L Datasheet
140Kb / 10P
   N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
STD12N05L STMICROELECTRONICS-STD12N05L Datasheet
176Kb / 10P
   N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
STP50N06L STMICROELECTRONICS-STP50N06L Datasheet
199Kb / 10P
   N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com