Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD2NC40-1 Datasheet (PDF) - STMicroelectronics

STD2NC40-1 Datasheet PDF - STMicroelectronics
Part # STD2NC40-1
Download  STD2NC40-1 Download

File Size   86.76 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET

STD2NC40-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD2NC40-1 Datasheet PDF - STMicroelectronics

Part # STD2NC40-1
Download  STD2NC40-1 Click to download

File Size   86.76 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET

STD2NC40-1 Datasheet (HTML) - STMicroelectronics

STD2NC40-1 Datasheet HTML 1Page - STMicroelectronics STD2NC40-1 Datasheet HTML 2Page - STMicroelectronics STD2NC40-1 Datasheet HTML 3Page - STMicroelectronics STD2NC40-1 Datasheet HTML 4Page - STMicroelectronics STD2NC40-1 Datasheet HTML 5Page - STMicroelectronics STD2NC40-1 Datasheet HTML 6Page - STMicroelectronics STD2NC40-1 Datasheet HTML 7Page - STMicroelectronics STD2NC40-1 Datasheet HTML 8Page - STMicroelectronics

STD2NC40-1 Product details

DESCRIPTION
The PowerMESH™ II is the evolution of the first generation of MESH OVERLAY™. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the leading edge for what concerns swithing speed, gate charge and ruggedness.

■ TYPICAL RDS(on) = 4.7Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ NEW HIGH VOLTAGE BENCHMARK
■ GATE CHARGE MINIMIZED

APPLICATIONS
■ SWITH MODE LOW POWER SUPPLIES (SMPS)
■ CFL




Similar Part No. - STD2NC40-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC40-1 STMICROELECTRONICS-STD2NC40-1 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
More results


Similar Description - STD2NC40-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC40 STMICROELECTRONICS-STD2NC40 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
logo
MagnaChip Semiconductor...
MDHT3N40 MGCHIP-MDHT3N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 1.5A, 3.4(ohm)
logo
STMicroelectronics
STB11NB40-1 STMICROELECTRONICS-STB11NB40-1 Datasheet
245Kb / 11P
   N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
   N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
STD4NB40 STMICROELECTRONICS-STD4NB40 Datasheet
449Kb / 10P
   N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH??MOSFET
STD1NC40-1 STMICROELECTRONICS-STD1NC40-1 Datasheet
51Kb / 5P
   N - CHANNEL 400V- 8ohm - 1A - IPAK PowerMESH II MOSFET
STD6NC40 STMICROELECTRONICS-STD6NC40 Datasheet
272Kb / 9P
   N-CHANNEL 400V - 0.75ohm - 5A - DPAK / IPAK PowerMesh?줚I MOSFET
logo
Xian Semipower Electron...
SW1N55D SEMIPOWER-SW1N55D Datasheet
537Kb / 5P
   N-channel IPAK MOSFET
logo
STMicroelectronics
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 11P
   N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1_06 Datasheet
381Kb / 15P
   N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com