Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962G9563801QQYC Datasheet (PDF) - List of Unclassifed Manufacturers

5962G9563801QQYC Datasheet PDF - List of Unclassifed Manufacturers
Part # 5962G9563801QQYC
Download  5962G9563801QQYC Download

File Size   182.51 Kbytes
Page   18 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Radiation-Hardened MicroController

5962G9563801QQYC Datasheet (PDF)

Go To PDF Page Download Datasheet
5962G9563801QQYC Datasheet PDF - List of Unclassifed Manufacturers

Part # 5962G9563801QQYC
Download  5962G9563801QQYC Click to download

File Size   182.51 Kbytes
Page   18 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Radiation-Hardened MicroController

5962G9563801QQYC Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button 5962G9563801QQYC Datasheet HTML 1Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

5962G9563801QQYC Product details

[Aeroflex UTMC]



INTRODUCTION

The UT69RH051 is a radiation-tolerant 8-bit microcontroller that is pin equivalent to the MCS-51 industry standard microcontroller when in a 40-pin DIP. The UT69RH051’s static design allows operation from 1Hz to 20MHz. This data sheet describes hardware and software interfaces to the UT69RH051.



FEATURES

❐ Three 16-bit timer/counters

   - High speed output

   - Compare/capture

   - Pulse width modulator

   - Watchdog timer capabilities

❐ 256 bytes of on-chip data RAM

❐ 32 programmable I/O lines

❐ 7 interrupt sources

❐ Programmable serial channel with:

   - Framing error detection

   - Automatic address recognition

❐ TTL and CMOS compatible logic levels

❐ 64K external data and program memory space

❐ MCS-51 fully compatible instruction set

❐ Flexible clock operation

   - 1Hz to 20MHz with external clock

   - 2MHz to 20MHz using internal oscillator with external crystal

❐ Radiation-hardened process and design; total dose irradiation testing MIL-STD-883 Method 1019

   - Total dose: 1.0E6 rads(Si)

   - Latchup immune

❐ Packaging options:

   - 40-pin 100-mil center DIP (0.600 x 2.00)

   - 44-lead 25-mil center Flatpack (0.670 x 0.800)

❐ Standard Microcircuit Drawing 5962-95638 available

   - QML Q & V compliant



 




Similar Part No. - 5962G9563801QQYC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962G9563801QQA AEROFLEX-5962G9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQC AEROFLEX-5962G9563801QQC Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQX AEROFLEX-5962G9563801QQX Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
More results


Similar Description - 5962G9563801QQYC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
Texas Instruments
MSP430FR5969-SP TI1-MSP430FR5969-SP_18 Datasheet
1Mb / 128P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
MSP430FR5969-SP TI1-MSP430FR5969-SP Datasheet
1Mb / 126P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
logo
Microchip Technology
SAMRH707 MICROCHIP-SAMRH707 Datasheet
11Mb / 1389P
   Radiation-Hardened 32-bit Microcontroller with Advanced Radiation-Hardened 32-bit Microcontroller with Advanced
2021
logo
Intersil Corporation
HS-RTX2010RH INTERSIL-HS-RTX2010RH Datasheet
406Kb / 36P
   Radiation Hardened Real Time Express??Microcontroller
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com