Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4940XX Datasheet (PDF) - STMicroelectronics

L4940XX Datasheet PDF - STMicroelectronics
Part # L4940XX
Download  L4940XX Download

File Size   1561.98 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low drop 1.5 A regulator

L4940XX Datasheet (PDF)

Go To PDF Page Download Datasheet
L4940XX Datasheet PDF - STMicroelectronics

Part # L4940XX
Download  L4940XX Click to download

File Size   1561.98 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low drop 1.5 A regulator

L4940XX Datasheet (HTML) - STMicroelectronics

Back Button L4940XX Datasheet HTML 1Page - STMicroelectronics L4940XX Datasheet HTML 2Page - STMicroelectronics L4940XX Datasheet HTML 3Page - STMicroelectronics L4940XX Datasheet HTML 4Page - STMicroelectronics L4940XX Datasheet HTML 5Page - STMicroelectronics L4940XX Datasheet HTML 6Page - STMicroelectronics L4940XX Datasheet HTML 7Page - STMicroelectronics L4940XX Datasheet HTML 8Page - STMicroelectronics L4940XX Datasheet HTML 9Page - STMicroelectronics L4940XX Datasheet HTML 10Page - STMicroelectronics Next Button 

L4940XX Product details

Description

The L4940 series of three terminal positive regulators is available in TO-220, TO-220FP and D2PAK packages and with several fixed output voltages, making it useful in a wide range of industrial and consumer applications. Thanks to its very low input/output voltage drop, these devices are particularly suitable for batteries powered equipment, reducing consumption and prolonging battery life. Each type employs internal current limiting, antisaturation circuit, thermal shut-down and safe area protection.



Features

■ Precise 5, 8.5, 10, 12 V outputs

■ Low dropout voltage (450 mV typ. at 1 A)

■ Very low quiescent current

■ Thermal shutdown

■ Short circuit protection

■ Reverse polarity protection



 




Similar Part No. - L4940XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T10 STMICROELECTRONICS-L4940D2T10 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T12 STMICROELECTRONICS-L4940D2T12 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T5 STMICROELECTRONICS-L4940D2T5 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T85 STMICROELECTRONICS-L4940D2T85 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
More results


Similar Description - L4940XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD49150XX08 STMICROELECTRONICS-LD49150XX08 Datasheet
710Kb / 22P
   1.5 A very low drop for low output voltage regulator
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LDF STMICROELECTRONICS-LDF Datasheet
1Mb / 33P
   1 A very low drop voltage regulator
April 2017 Rev 2
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
   VERY LOW DROP 1A REGULATOR
LD49300XX08 STMICROELECTRONICS-LD49300XX08 Datasheet
678Kb / 20P
   3 A very low drop-out voltage regulator
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
   Very low drop 1A regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com