Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6933H12 Datasheet (PDF) - STMicroelectronics

L6933H12 Datasheet PDF - STMicroelectronics
Part # L6933H12
Download  L6933H12 Download

File Size   206.74 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High performance 2A ULDO linear regulator with Soft Start

L6933H12 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6933H12 Datasheet PDF - STMicroelectronics

Part # L6933H12
Download  L6933H12 Click to download

File Size   206.74 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High performance 2A ULDO linear regulator with Soft Start

L6933H12 Datasheet (HTML) - STMicroelectronics

Back Button L6933H12 Datasheet HTML 1Page - STMicroelectronics L6933H12 Datasheet HTML 2Page - STMicroelectronics L6933H12 Datasheet HTML 3Page - STMicroelectronics L6933H12 Datasheet HTML 4Page - STMicroelectronics L6933H12 Datasheet HTML 5Page - STMicroelectronics L6933H12 Datasheet HTML 6Page - STMicroelectronics L6933H12 Datasheet HTML 7Page - STMicroelectronics L6933H12 Datasheet HTML 8Page - STMicroelectronics L6933H12 Datasheet HTML 9Page - STMicroelectronics L6933H12 Datasheet HTML 10Page - STMicroelectronics Next Button 



Similar Part No. - L6933H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
More results


Similar Description - L6933H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
   High performance 3 A ULDO linear regulator
logo
ON Semiconductor
NCP631 ONSEMI-NCP631 Datasheet
84Kb / 10P
   3.0 A Linear Voltage Regulator with Soft Start
April, 2003 - Rev. 3
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
   Low Dropout Linear Regulator Controller with Soft-Start
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com