Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4601BEIJT Datasheet (PDF) - STMicroelectronics

TS4601BEIJT Datasheet PDF - STMicroelectronics
Part # TS4601BEIJT
Download  TS4601BEIJT Download

File Size   637.3 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface

TS4601BEIJT Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4601BEIJT Datasheet PDF - STMicroelectronics

Part # TS4601BEIJT
Download  TS4601BEIJT Click to download

File Size   637.3 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface

TS4601BEIJT Datasheet (HTML) - STMicroelectronics

Back Button TS4601BEIJT Datasheet HTML 1Page - STMicroelectronics TS4601BEIJT Datasheet HTML 2Page - STMicroelectronics TS4601BEIJT Datasheet HTML 3Page - STMicroelectronics TS4601BEIJT Datasheet HTML 4Page - STMicroelectronics TS4601BEIJT Datasheet HTML 5Page - STMicroelectronics TS4601BEIJT Datasheet HTML 6Page - STMicroelectronics TS4601BEIJT Datasheet HTML 7Page - STMicroelectronics TS4601BEIJT Datasheet HTML 8Page - STMicroelectronics TS4601BEIJT Datasheet HTML 9Page - STMicroelectronics TS4601BEIJT Datasheet HTML 10Page - STMicroelectronics Next Button 

TS4601BEIJT Product details

Description
The TS4601B is a stereo headphone driver dedicated to high audio performance and spaceconstrained applications. It has the same uses as the TS4601 which it replaces, while offering highly improved ESD ratings.

Features
■ Power supply range: 2.9 V to 5.5 V
■ 107 dB of PSRR at 217 Hz
■ Fully differential inputs
■ I²C interface for volume control
■ Digital volume control range from -60 dB to +4 dB
■ 101 dB of SNR A-weighted
■ Independent right and left channel shutdown control
■ Low quiescent current: 4.8 mA typ. at 3.0 V
■ Low standby current: 2 µA max
■ Output-coupling capacitors removed
■ Flip-chip package 2.1 mm x 2.1 mm, 500 µm pitch, 16 bumps

Applications
■ Cellular phones
■ Notebook computers
■ CD/MP3 players




Similar Part No. - TS4601BEIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4601 STMICROELECTRONICS-TS4601 Datasheet
602Kb / 28P
   High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
TS4601EIJT STMICROELECTRONICS-TS4601EIJT Datasheet
602Kb / 28P
   High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
More results


Similar Description - TS4601BEIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4601 STMICROELECTRONICS-TS4601 Datasheet
602Kb / 28P
   High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4956 STMICROELECTRONICS-TS4956 Datasheet
1Mb / 51P
   Stereo audio amplifier system with I2C bus interface
TS4975 STMICROELECTRONICS-TS4975_05 Datasheet
795Kb / 36P
   Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
logo
STMicroelectronics
A22H165 STMICROELECTRONICS-A22H165 Datasheet
2Mb / 36P
   High-performance class-G stereo headphone amplifier
March 2014 Rev 1
TS4621ML STMICROELECTRONICS-TS4621ML Datasheet
2Mb / 40P
   High-performance class-G stereo headphone amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com