Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX256EBCF4843 Datasheet (PDF) - Lattice Semiconductor

LX256EBCF4843 Datasheet PDF - Lattice Semiconductor
Part # LX256EBCF4843
Download  LX256EBCF4843 Download

File Size   546.87 Kbytes
Page   72 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance Interfacing and Switching

LX256EBCF4843 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX256EBCF4843 Datasheet PDF - Lattice Semiconductor

Part # LX256EBCF4843
Download  LX256EBCF4843 Click to download

File Size   546.87 Kbytes
Page   72 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance Interfacing and Switching

LX256EBCF4843 Datasheet (HTML) - Lattice Semiconductor

Back Button LX256EBCF4843 Datasheet HTML 1Page - Lattice Semiconductor LX256EBCF4843 Datasheet HTML 2Page - Lattice Semiconductor LX256EBCF4843 Datasheet HTML 3Page - Lattice Semiconductor LX256EBCF4843 Datasheet HTML 4Page - Lattice Semiconductor LX256EBCF4843 Datasheet HTML 5Page - Lattice Semiconductor LX256EBCF4843 Datasheet HTML 6Page - Lattice Semiconductor LX256EBCF4843 Datasheet HTML 7Page - Lattice Semiconductor LX256EBCF4843 Datasheet HTML 8Page - Lattice Semiconductor LX256EBCF4843 Datasheet HTML 9Page - Lattice Semiconductor LX256EBCF4843 Datasheet HTML 10Page - Lattice Semiconductor Next Button 

LX256EBCF4843 Product details

Introduction
The ispGDX2™ family is Lattice’s second generation in-system programmable generic digital crosspoint switch for high speed bus switching and interface applications.
The ispGDX2 family is available in two options. The standard device supports sysHSI capability for ultra fast serial communications while the lower-cost “E-series” supports the same high-performance FPGA fabric without the sysHSI Block.
This family of switches combines a flexible switching architecture with advanced sysIO interfaces including high performance sysHSI Blocks, and sysCLOCK PLLs to meet the needs of the today’s high-speed systems. Through a muliplexer-intensive architecture, the ispGDX2 facilitates a variety of common switching functions.

Features
■ High Performance Bus Switching
   • High bandwidth
      – Up to 12.8 Gbps (SERDES)
      – Up to 38 Gbps (without SERDES)
   • Up to 16 (15x10) FIFOs for data buffering
   • High speed performance
      – fMAX = 360MHz
      – tPD = 3.0ns
      – tCO = 2.9ns
      – tS = 2.0ns
   • Built-in programmable control logic capability
   • I/O intensive: 64 to 256 I/Os
   • Expanded MUX capability up to 188:1 MUX
■ sysCLOCK™ PLL
   • Frequency synthesis and skew management
   • Clock multiply and divide capability
   • Clock shifting up to +/-2.35ns in 335ps steps
   • Up to four PLLs
■ sysIO™ Interfacing
   • LVCMOS 1.8, 2.5, 3.3 and LVTTL support for standard board interfaces
   • SSTL 2/3 Class I and II support
   • HSTL Class I, III and IV support
   • GTL+, PCI-X for bus interfaces
   • LVPECL, LVDS and Bus LVDS differential support
   • Hot socketing
   • Programmable drive strength
■ Two Options Available
   • High-performance sysHSI (standard part number)
   • Low-cost, no sysHSI (“E-Series”)
■ sysHSI Blocks Provide up to 16 High-speed Channels
   • Serializer/de-serializer (SERDES) included
   • Clock Data Recovery (CDR) built in
   • 800 Mbps per channel
   • LVDS differential support
   • 10B/12B support
      – Encoding / decoding
      – Bit alignment
      – Symbol alignment
   • 8B/10B support
      – Bit alignment
      – Symbol alignment
   • Source Synchronous support
■ Flexible Programming and Testing
   • IEEE 1532 compliant In-System Programmability (ISP™)
   • Boundary scan test through IEEE 1149.1 interface
   • 3.3V, 2.5V or 1.8V power supplies
   • 5V tolerant I/O for LVCMOS 3.3 and LVTTL interfaces




Similar Part No. - LX256EBCF4843

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LX256EB LATTICE-LX256EB Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256EB-35F484C LATTICE-LX256EB-35F484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256EB-35FN484C LATTICE-LX256EB-35FN484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256EB-5F484C LATTICE-LX256EB-5F484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256EB-5F484I LATTICE-LX256EB-5F484I Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
More results


Similar Description - LX256EBCF4843

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
   INTERFACING BETWEEN LVDS AND HIGH
logo
ON Semiconductor
AN1568 ONSEMI-AN1568 Datasheet
86Kb / 10P
   Interfacing Between LVDS and ECL
October, 2003 ??Rev. 8
logo
ATMEL Corporation
C51 ATMEL-C51 Datasheet
49Kb / 4P
   CAN Interfacing
logo
Fairchild Semiconductor
AN-5029 FAIRCHILD-AN-5029 Datasheet
232Kb / 6P
   Interfacing Between PECL and LVDS Differential Technologies
logo
Analog Devices
AN-291 AD-AN-291 Datasheet
313Kb / 2P
   Asynchronous clock Interfacing
logo
TAITRON Components Inco...
MMBD4148-193 TAITRON-MMBD4148-193 Datasheet
136Kb / 4P
   High Performance Switching Diode
logo
ON Semiconductor
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
   High Performance, Constant Current Switching
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
logo
Active-Semi, Inc
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
   High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com