Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM020-080-08-27 Datasheet (PDF) - Transcom, Inc.

TM020-080-08-27 Datasheet PDF - Transcom, Inc.
Part # TM020-080-08-27
Download  TM020-080-08-27 Download

File Size   23.25 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 2 ~ 8 GHz 27 dBm Module

TM020-080-08-27 Datasheet (PDF)

Go To PDF Page Download Datasheet
TM020-080-08-27 Datasheet PDF - Transcom, Inc.

Part # TM020-080-08-27
Download  TM020-080-08-27 Click to download

File Size   23.25 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 2 ~ 8 GHz 27 dBm Module

TM020-080-08-27 Datasheet (HTML) - Transcom, Inc.

TM020-080-08-27 Datasheet HTML 1Page - Transcom, Inc.



Similar Part No. - TM020-080-08-27

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TM020-080-12-20 TRANSCOM-TM020-080-12-20 Datasheet
56Kb / 1P
   2 ~ 8 GHz 20 dBm Module
TM020-080-12-24 TRANSCOM-TM020-080-12-24 Datasheet
23Kb / 1P
   2 ~ 8 GHz 24 dBm Module
More results


Similar Description - TM020-080-08-27

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TM020-080-12-20 TRANSCOM-TM020-080-12-20 Datasheet
56Kb / 1P
   2 ~ 8 GHz 20 dBm Module
TM020-080-12-24 TRANSCOM-TM020-080-12-24 Datasheet
23Kb / 1P
   2 ~ 8 GHz 24 dBm Module
TM020-040-18-24 TRANSCOM-TM020-040-18-24 Datasheet
23Kb / 1P
   2 - 4 GHz 24 dBm Module
TM020-040-16-20 TRANSCOM-TM020-040-16-20 Datasheet
23Kb / 1P
   2 - 4 GHz 20 dBm Module
TA160-180-25-27 TRANSCOM-TA160-180-25-27 Datasheet
18Kb / 1P
   16 - 18 GHz 27 dBm Amplifier
TM020-060-11-32 TRANSCOM-TM020-060-11-32 Datasheet
23Kb / 1P
   2 ~ 6 GHz 32 dBm Module
TM005-020-12-24 TRANSCOM-TM005-020-12-24 Datasheet
23Kb / 1P
   0.5 - 2 GHz 24 dBm Module
TM005-020-14-14 TRANSCOM-TM005-020-14-14 Datasheet
23Kb / 1P
   0.5 - 2 GHz 14 dBm Module
TM005-020-15-20 TRANSCOM-TM005-020-15-20 Datasheet
23Kb / 1P
   0.5 - 2 GHz 20 dBm Module
logo
Teledyne Technologies I...
TGM-08-2001 TELEDYNE-TGM-08-2001 Datasheet
898Kb / 2P
   Module Amplifier 2 GHz - 8 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com