Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE39 Datasheet (PDF) - UNIOHM CORPORATION

P6KE39 Datasheet PDF - UNIOHM CORPORATION
Part # P6KE39
Download  P6KE39 Download

File Size   88.98 Kbytes
Page   4 Pages
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION
Description 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

P6KE39 Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE39 Datasheet PDF - UNIOHM CORPORATION

Part # P6KE39
Download  P6KE39 Click to download

File Size   88.98 Kbytes
Page   4 Pages
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION
Description 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

P6KE39 Datasheet (HTML) - UNIOHM CORPORATION

P6KE39 Datasheet HTML 1Page - UNIOHM CORPORATION P6KE39 Datasheet HTML 2Page - UNIOHM CORPORATION P6KE39 Datasheet HTML 3Page - UNIOHM CORPORATION P6KE39 Datasheet HTML 4Page - UNIOHM CORPORATION

P6KE39 Product details

VOLTAGE RANGE 6.8 to 440 Volts

600 Watts Peak Power

5.0 Watts Steady State



FEATURES

* 600 Watts Surge Capability at 1ms

* Typical IR less than 1 A above 10V

* Fast response time: Typically less than 1.0ps from 0 volt to BV min.

* Low zener impedance

* Excellent clamping capability

* High temperature soldering guaranteed: 260 C / 10 seconds / .375"(9.5mm) lead length, 5lbs.(2.3kg) tension



 




Similar Part No. - P6KE39

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE39 PANJIT-P6KE39 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P6KE39 PANJIT-P6KE39 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P6KE39 LUGUANG-P6KE39 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Leshan Radio Company
P6KE39 LRC-P6KE39 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Microsemi Corporation
P6KE39 MICROSEMI-P6KE39 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results


Similar Description - P6KE39

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
P6KE GWSEMI-P6KE Datasheet
185Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
P6KE BYTES-P6KE Datasheet
305Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
P6KE200B ONSEMI-P6KE200B Datasheet
118Kb / 4P
   600 Watt Peak Power Transient Voltage Suppressors
April, 2006 -- Rev. 1
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com