Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3503 Datasheet (PDF) - Fairchild Semiconductor

2SC3503 Datasheet PDF - Fairchild Semiconductor
Part # 2SC3503
Download  2SC3503 Download

File Size   154.69 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description NPN Epitaxial Silicon Transistor

2SC3503 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3503 Datasheet PDF - Fairchild Semiconductor

Part # 2SC3503
Download  2SC3503 Click to download

File Size   154.69 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description NPN Epitaxial Silicon Transistor

2SC3503 Datasheet (HTML) - Fairchild Semiconductor

2SC3503 Datasheet HTML 1Page - Fairchild Semiconductor 2SC3503 Datasheet HTML 2Page - Fairchild Semiconductor 2SC3503 Datasheet HTML 3Page - Fairchild Semiconductor 2SC3503 Datasheet HTML 4Page - Fairchild Semiconductor 2SC3503 Datasheet HTML 5Page - Fairchild Semiconductor 2SC3503 Datasheet HTML 6Page - Fairchild Semiconductor

2SC3503 Product details

Features
• High Voltage : VCEO= 300V
• Low Reverse Transfer Capacitance : Cre= 1.8pF at VCB = 30V
• Excellent Gain Linearity for low THD
• High Frequency: 150MHz
• Full thermal and electrical Spice models are available
• Complement to 2SA1381/KSA1381.

Applications
• Audio, Voltage Amplifier and Current Source
• CRT Display, Video Output
• General Purpose Amplifier




Similar Part No. - 2SC3503

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3503 SANYO-2SC3503 Datasheet
137Kb / 4P
   High-Definition CRT Display, Video Output
2SC3503 SANYO-2SC3503 Datasheet
183Kb / 3P
   Transistors for TV Display Video Output Use
logo
Fairchild Semiconductor
2SC3503 FAIRCHILD-2SC3503 Datasheet
159Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
Inchange Semiconductor ...
2SC3503 ISC-2SC3503 Datasheet
321Kb / 2P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
2SC3503CSTU FAIRCHILD-2SC3503CSTU Datasheet
159Kb / 6P
   NPN Epitaxial Silicon Transistor
More results


Similar Description - 2SC3503

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com